Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFUS1921 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RFUS1921
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RFUS1921 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RFUS1921 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
RFUS1921
NOTES
Maximum weight 350 lb
Includes all mounting hardware
PART NUMBERS
PAINTED BLACK TEXTURED
RFUS1921BK1
RFUS1921CG1
PAINTED GREY/BEIGE TEXTURED
FRONT VIEW
TOP VIEW
SIDE VIEW
21.00 in
533 mm
17.75 in
451 mm
17.61 in
447 mm
I/S
1.74 in
44 mm
.93 in
24 mm
.81 in
21 mm
2.03 in
52 mm
TYP
2.75 in
70 mm
TYP
.49 in
12 mm
TYP
O0.250 X 2.000
SLOT, TYP


Similar Part No. - RFUS1921

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RFUS1926 HAMMOND-RFUS1926 Datasheet
68Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RFUS1926BK1 HAMMOND-RFUS1926BK1 Datasheet
68Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RFUS1926CG1 HAMMOND-RFUS1926CG1 Datasheet
68Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RFUS1921

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com