Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7232CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7232CS
Description  Dual Channel, High Speed, High Current Line Driver w/3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7232CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7232CS Datasheet HTML 1Page - Elantec Semiconductor EL7232CS Datasheet HTML 2Page - Elantec Semiconductor EL7232CS Datasheet HTML 3Page - Elantec Semiconductor EL7232CS Datasheet HTML 4Page - Elantec Semiconductor EL7232CS Datasheet HTML 5Page - Elantec Semiconductor EL7232CS Datasheet HTML 6Page - Elantec Semiconductor EL7232CS Datasheet HTML 7Page - Elantec Semiconductor EL7232CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EL7232C
Dual Channel High Speed High Current Line Driver w3-State
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
Features
 3-State output
 3V and 5V input compatible
 Clocking speeds up to 10 MHz
 20 ns Switchingdelay time
 2A Peak drive
 Low matched output
impedance5
X
 Low quiescent current25 mA
 Wide operating voltage
45V--16V
Applications
 Parallel bus line drivers
 EPROM and PROM
programming
 Motor controls
 Charge pumps
 Sampling circuits
 Pin drivers
 Bridge circuits
Ordering Information
Part No
Temp Range
Pkg
Outline
EL7232CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL7232CS b40 Cto a85 C 8-Pin SO
MDP0027
Truth Table
3-State
Input
Output
10
1
11
0
0
0
Open
0
1
Open
General Description
The EL7232C 3-state drivers are particularly well suited for
ATE and microprocessor based applications The low quiescent
power dissipation makes this part attractive in battery applica-
tions The 2A peak drive capability makes the EL7232C an
excellent choice when driving high speed capacitive lines as
well The input circuitry provides level shifting from TTL lev-
els to the supply rails The EL7232C is available in 8-pin P-DIP
and 8-lead SO packages
Connection Diagram
7232 – 1
Manufactured under US Patent Nos 5334883
5341047


Similar Part No. - EL7232CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CS INTERSIL-EL7232CS Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
EL7232CS INTERSIL-EL7232CS Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CS INTERSIL-EL7232CS Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
EL7232CS-T13 INTERSIL-EL7232CS-T13 Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
EL7232CS-T7 INTERSIL-EL7232CS-T7 Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
More results

Similar Description - EL7232CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232 INTERSIL-EL7232 Datasheet
113Kb / 6P
Dual Channel, High Speed, High Current Line Driver w/3-State
April 11, 2005
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
logo
Intersil Corporation
EL7232 INTERSIL-EL7232_06 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
logo
NXP Semiconductors
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com