Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP2-1C-R Datasheet(PDF) 15 Page - California Eastern Labs

Part # ZICM357SP2-1C-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP2-1C-R Datasheet(HTML) 15 Page - California Eastern Labs

Back Button ZICM357SP2-1C-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 16Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 17Page - California Eastern Labs ZICM357SP2-1C-R Datasheet HTML 18Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
EM357 Mini Modules
Page 15
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
Software Compliance
The MeshConnect Mini Modules require software restrictions to meet agency certification requirements.
These restrictions have been implemented in the sample application included with the Software Development Kit.
If a customer is not starting with the CEL Software Development Kit, they must implement the following output
power restrictions to use the FCC, IC or CE Certifications:
Certification
RF Channel
Valid TX
Power Steps
Typical Max
Output Power
ZICM357SP0-1
FCC/IC
11 - 25
-43 to 8
8dBm
26
-43 to 0
1dBm
ETSI
11 - 26
-43 to 8
8dBm
ZICM357SP2-1
FCC/IC
11 - 24
-43 to -2
20dBm
25
-43 to -6
17dBm
26
-43 to -26
-3dBm
ZICM357SP2-1C
FCC/IC
11 - 24
-43 to -2
20dBm
25
-43 to -12
9dBm
26
-43 to -38
-5dBm
Note: The ZICM357SP2, Power Mode 2 with Power Setting -2 is the maximum setting allowed for FCC Compliance.
Operating in Power Mode 3 at higher power settings may damage the PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com