Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACMD-7403 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7403
Description  Miniature UMTS Band II / PCS Duplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7403 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACMD-7403 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7403 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image

ACMD-7403 Electrical Specifications [2,3], Z0=50 Ω, TC [1] as indicated,
Symbol Parameter
Units
– 30
°C
+25
°C
+85
°C
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Antenna Port to Receive Port
S23
Insertion Loss in Receive Band
1930.5 – 1931.5 MHz
1931.5 – 1989.5 MHz
dB
3.2
3.0
1.9
1.3
3.1
3.0
3.0
3.2
∆S23
Ripple (p-p) in Receive Band
dB
1.7
S22
Return Loss of Receive Port
in Receive Band
dB
9.5
9.5
15
9.5
S23
Attenuation in Transmit Band
(1850.5 – 1909.5 MHz)
dB
52
52
59
52
S23
Attenuation 0 – 1600 MHz
dB
20
29
S23
Attenuation in Receive 2nd Harmonic
Band (3861 – 3979 MHz)
dB
14
18
Transmit Port to Antenna Port
S31
Insertion Loss in Transmit Band
1850.5 – 1908.5 MHz
1908.5 – 1909.5 MHz
dB
2.5
2.5
1.0
1.4
2.1
2.3
2.5
2.7
∆S31
Ripple (p-p) in Transmit Band
dB
1.3
S11
Return Loss of Transmit Port
in Transmit Band
dB
9.5
9.5
20
9.5
S31
Attenuation in Receive Band
(1930.5 – 1989.5 MHz)
dB
40
40
49
40
S31
Attenuation 0 – 1600 MHz
dB
22
32
S31
Attenuation in GPS Rx Band
(1574.42 – 1576.42 MHz)
dB
23
27
S31
Attenuation in Transmit 2nd Harmonic
Band (3701 – 3819 MHz)
dB
5
9
Antenna Port
S33
Return Loss of Antenna Port in Receive
Band (1930.5 – 1989.5 MHz)
dB
9
9
16
9
S33
Return Loss of Antenna Port in Transmit
Band (1850.5 – 1909.5 MHz)
dB
9
9
17
9
Isolation Transmit Port to Receive Port
S21
Tx-Rx Isolation in Receive Band
(1930.5 – 1989.5 MHz)
dB
44
44
51
44
S21
Tx-Rx Isolation in Transmit Band
(1850.5 – 1909.5 MHz)
dB
54
54
61
54
Notes:
TC is the case temperature and is defined as the temperature of the underside of the Duplexer where it makes contact with the circuit board.
Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx ports equal to or less than +29 dBm over all Tx
frequencies unless otherwise noted. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical
values may vary over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com