Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM1U1908VBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RM1U1908VBK
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM1U1908VBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RM1U1908VBK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM FRONT
ASSEMBLY - VIEW FROM TOP
SECTION AA-AA
SECTION BB-BB
ASSEMBLY - VIEW FROM SIDE
1427B2BK
4 Screws - Counter Sunk Head 10-32 x 3/8"
2 Mounting Brackets - .125" Aluminum
PULL HANDLES
12 Nuts - #4 Speed Nuts
RM1U1908VBK
Four Self Adhesive Rubber Feet - 1421T3
ACCESSORIES
Extruded AluminumFrame - Type 6063
2 Panels - .064" Aluminum(5052-H32) Powder Coat
8 Screws - Counter Sunk Head 6-32 x 3/8"
12 Screws - Flat Head 4-40 x 3/8"
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
AA
AA
BB
BB
RM1U1908VBK
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
421.65 mm
[16.600 in]
203.20 mm
[8.000 in]
121.87 mm
[4.798 in]
55.56 mm
[2.188 in]
n4.32 mm
[0.170 in]
7.94 mm
[0.313 in]
7.94 mm
[0.313 in]
466.01 mm
[18.347 in]
R3.18 mm
[0.125 in]
4.37 mm
[0.172 in]
6.35 mm
[0.250 in]
373.06 mm
[14.688 in]
31.75 mm
[1.250 in]
415.30 mm
[16.350 in]
40.09 mm
[1.578 in]
196.85 mm
[7.750 in]
HANDLE
MOUNTING
HOLES
3.18 mm
[0.125 in]
43.70 mm
[1.720 in]
203.20 mm
[8.000 in]
482.61 mm
[19.000 in]
1.80 mm
[0.071 in]


Similar Part No. - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
410Kb / 1P
Extruded Aluminum Frame - Type 6063
RM1U1908VBK HAMMOND-RM1U1908VBK Datasheet
166Kb / 3P
Rack-Mounted Instrument Enclosure
1/6/2019
More results

Similar Description - RM1U1908VBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com