Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S2K
Description  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S2K Datasheet(HTML) 2 Page - Vishay Siliconix

  S2K Datasheet HTML 1Page - Vishay Siliconix S2K Datasheet HTML 2Page - Vishay Siliconix S2K Datasheet HTML 3Page - Vishay Siliconix S2K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S2A, S2B, S2D, S2G, S2J, S2K, S2M
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
2
Document Number: 88712
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Max. Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNIT
Typical thermal resistance (1)
RJA
53
°C/W
RJL
16
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
S2J-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
S2J-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
S2JHE3/52T (1)
0.096
52T
750
7" diameter plastic tape and reel
S2JHE3/5BT (1)
0.096
5BT
3200
13" diameter plastic tape and reel
Lead Temperature (°C)
1.50
50
70
90
110
130
150
0
0.50
1.00
Resistive or Inductive Load
60 Hz Resistive or
Inductive Load
P.C.B. Mounted
0.27" x 0.27" (7.0 mm x 7.0 mm)
Copper Pad Areas
1.75
0.75
1.25
0.25
Number of Cycles at 60 Hz
0
10
30
40
50
1
10
100
20
T
L = 100 °C
8.3 ms Single Half Sine-Wave
0.01
0.1
1
10
0.3
0.5
0.7
0.9
1.1
1.3
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
0.01
0.1
1
10
100
1000
0
20406080
100
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com