Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECA2DM010 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA2DM010
Description  Aluminum Electrolytic Capacitors/M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2DM010 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA2DM010 Datasheet HTML 1Page - Panasonic Semiconductor ECA2DM010 Datasheet HTML 2Page - Panasonic Semiconductor ECA2DM010 Datasheet HTML 3Page - Panasonic Semiconductor ECA2DM010 Datasheet HTML 4Page - Panasonic Semiconductor ECA2DM010 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors/M
¾ EE103 ¾
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
nStandard Products
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5mm, 7.5mm,
i=2.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 85°C 2000h
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(V)
iB
ii
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQÕ ty
Taping
Taping
Ripple
current
(120Hz)
(+85°C)
Lead Length
Straight
Leads
3.3
8
11.5
60
0.20
0.6
3.5
5.0
ECA2VM3R3( )
200
1000
4.7
10
12.5
65
0.20
0.6
5.0
5.0
ECA2VM4R7( )
200
500
10
10
20
115
0.20
0.6
5.0
5.0
ECA2VM100( )
200
500
350
22
12.5 20
195
0.20
0.6
5.0
5.0
ECA2VM220( )
200
500
33
16
25
300
0.20
0.8
7.5
7.5
ECA2VM330( )
100
250
47
16
25
325
0.20
0.8
7.5
7.5
ECA2VM470( )
100
250
100
18
31.5
535
0.20
0.8
7.5
ECA2VM101
50
1
6.3 11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2GM010( )
200
2000
2.2
8.0 11.5
50
0.20
0.6
3.5
5.0
ECA2GM2R2( ) 200
1000
3.3
10
12.5
54
0.20
0.6
5.0
5.0
ECA2GM3R3( ) 200
500
4.7
10
16
72
0.20
0.6
5.0
5.0
ECA2GM4R7( ) 200
500
400
10
10
20
115
0.20
0.6
5.0
5.0
ECA2GM100( )
200
500
22
12.5 25
215
0.20
0.6
5.0
5.0
ECA2GM220( )
200
500
33
16
25
275
0.20
0.8
7.5
7.5
ECA2GM330( )
100
250
47
16
31.5
350
0.20
0.8
7.5
ECA2GM470
100
100
18
40
600
0.20
0.8
7.5
ECA2GM101
50
1
8
11.5
37
0.20
0.6
3.5
5.0
ECA2WM010( )
200
1000
2.2
10
12.5
44
0.20
0.6
5.0
5.0
ECA2WM2R2( )
200
500
3.3
10
16
60
0.20
0.6
5.0
5.0
ECA2WM3R3( )
200
500
450
4.7
10
20
79
0.20
0.6
5.0
5.0
ECA2WM4R7( )
200
500
10
12.5 20
130
0.20
0.6
5.0
5.0
ECA2WM100( )
200
500
22
16
25
210
0.20
0.8
7.5
7.5
ECA2WM220( )
100
250
33
16
31.5
285
0.20
0.8
7.5
ECA2WM330
100
tan d
(120Hz)
(+20°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com