Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6TY Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMA6TY
Description  Automotive 600 W Transil in SMA package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6TY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMA6TY Datasheet HTML 3Page - STMicroelectronics SMA6TY Datasheet HTML 4Page - STMicroelectronics SMA6TY Datasheet HTML 5Page - STMicroelectronics SMA6TY Datasheet HTML 6Page - STMicroelectronics SMA6TY Datasheet HTML 7Page - STMicroelectronics SMA6TY Datasheet HTML 8Page - STMicroelectronics SMA6TY Datasheet HTML 9Page - STMicroelectronics SMA6TY Datasheet HTML 10Page - STMicroelectronics SMA6TY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
SMA6TY
10/11
Doc ID 17869 Rev 3
5
Ordering information
6
Revision history
Table 4.
Marking
Order code
Marking
Order code
Marking
SMA6T6V7AY
6UAY
SMA6T6V7CAY
6BAY
SMA6T7V6AY
6UCY
SMA6T7V6CAY
6BCY
SMA6T10AY
6UDY
SMA6T10CAY
6BDY
SMA6T12AY
6UEY
SMA6T12CAY
6BEY
SMA6T14AY
6UFY
SMA6T14CAY
6BFY
SMA6T15AY
6UGY
SMA6T15CAY
6BGY
SMA6T18AY
6UHY
SMA6T18CAY
6BHY
SMA6T22AY
6UJY
SMA6T22CAY
6BJY
SMA6T24AY
6UKY
SMA6T24CAY
6BKY
SMA6T28AY
6UMY
SMA6T28CAY
6BMY
SMA6T30AY
6UNY
SMA6T30CAY
6BNY
SMA6T33AY
6UOY
SMA6T33CAY
6BOY
SMA6T39AY
6UQY
SMA6T39CAY
6BQY
SMA6T47AY
6URY
SMA6T47CAY
6BRY
SMA6T56AY
6USY
SMA6T56CAY
6BSY
SMA6T68AY
6UTY
SMA6T68CAY
6BTY
SMA6T82AY
6UUY
SMA6T82CAY
6BUY
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SMA6TxxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4
SMA
0.072 g
5000
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
30-Aug-2010
1
Initial release.
17-Oct-2011
2
Deleted old Table 2. Thermal parameter. Updated Table 2 and order
codes in Table 2 and Table 4. Updated Figure 5, 10 and 11.
27-Mar-2012
3
Added footnote on page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com