Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST176 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # JSST176
Description  P-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST176 Datasheet(HTML) 5 Page - Vishay Siliconix

  JSST176 Datasheet HTML 1Page - Vishay Siliconix JSST176 Datasheet HTML 2Page - Vishay Siliconix JSST176 Datasheet HTML 3Page - Vishay Siliconix JSST176 Datasheet HTML 4Page - Vishay Siliconix JSST176 Datasheet HTML 5Page - Vishay Siliconix JSST176 Datasheet HTML 6Page - Vishay Siliconix JSST176 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
J/SST174/175/176/177 Series
Vishay Siliconix
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
www.vishay.com
9-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
20
0
–9
–12
–6
–3
–15
16
12
8
4
0
Turn-On Switching
Turn-Off Switching
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
tr approximately independent of ID
VDD = –10 V, RG = 220 W
VGS(H) = 10 V, VGS(L) = 0 V
tON @ ID = –10 mA
td(off) VGS(off) = 1.5 V
tf VGS(off) = 1.5 V
tON @ ID = –5 mA
VDD = –10 V, VGS(H) = 10 V, VGS(L) = 0 V
50
05
40
20
10
0
30
1
234
tr @ ID = –5 mA
5 V
5 V
Capacitance vs. Gate-Source Voltage
Gate Leakage Current
VGS – Gate-Source Voltage (V)
VDG – Drain-Gate Voltage (V)
VDS = 0 V
f = 1 MHz
Ciss
Crss
10 nA
100 pA
100 nA
1 nA
10 pA
1 pA
0.1 pA
30
012
16
820
24
12
6
0
0
–40
–20
–10
–50
18
4
–30
10
100
1 k
100 k
10 k
100
10
1
Transfer Characteristics
Noise Voltage vs. Frequency
f – Frequency (Hz)
TA = –55_C
125
_C
VDS = –10 V
ID = –0.1 mA
–1 mA
VGS – Gate-Source Voltage (V)
–40
03
4
5
–32
–16
–8
0
–24
12
TA = 125_C
TA = 25_C
–10 mA
IGSS @ 125
_C
IGSS @ 25
_C
–10 mA
VDS = –15 V
VGS(off) = 3 V
25
_C
–1 mA
ID = –1 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com