Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST201 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # JSST201
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST201 Datasheet(HTML) 4 Page - Vishay Siliconix

  JSST201 Datasheet HTML 1Page - Vishay Siliconix JSST201 Datasheet HTML 2Page - Vishay Siliconix JSST201 Datasheet HTML 3Page - Vishay Siliconix JSST201 Datasheet HTML 4Page - Vishay Siliconix JSST201 Datasheet HTML 5Page - Vishay Siliconix JSST201 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
J/SST201 Series
Vishay Siliconix
www.vishay.com
4
Document Number: 70233
S-40393—Rev. G, 15-Mar-04
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
2
0
−1.2
−1.6
−2
−0.8
−0.4
1.6
1.2
0.8
0.4
0
Transfer Characteristics
VGS − Gate-Source Voltage (V)
TA = −55_C
125_C
25_C
VDS = 10 V
VGS(off) = −1.5 V
500
0
−0.3
−0.2
−0.1
−0.4
−0.5
400
300
200
100
0
Transfer Characteristics
VGS − Gate-Source Voltage (V)
TA = −55_C
125_C
25_C
VDS = 10 V
VGS(off) = −0.7 V
0.1
1
0.01
4
−1.2
−2
−1.6
−0.8
−0.4
0
3.2
2.4
1.6
0.8
0
0.01
0.1
1
200
160
120
80
40
0
2000
1600
1200
800
400
0
ID − Drain Current (mA)
Circuit Voltage Gain vs. Drain Current
Transconductance vs. Gate-Source Voltage
TA = −55_C
125_C
VGS − Gate-Source Voltage (V)
On-Resistance vs. Drain Current
ID − Drain Current (mA)
25_C
VGS(off) = −0.7 V
−1.5 V
VGS(off) = −0.7 V
−1.5 V
1.5
0
−0.3
−0.4
−0.2
−0.1
−0.5
1.2
0.9
0.6
0.3
0
Transconductance vs. Gate-Source Voltage
TA = −55_C
125_C
VGS − Gate-Source Voltage (V)
25_C
VDS = 10 V
f = 1 kHz
VGS(off) = −0.7 V
VDS = 10 V
f = 1 kHz
VGS(off) = −1.5 V
AV +
gfs RL
1 ) RLgos
Assume VDD = 15 V, VDS = 5 V
RL +
10 V
ID



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com