Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST271 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # JSST271
Description  P-Channel JFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST271 Datasheet(HTML) 2 Page - Vishay Siliconix

  JSST271 Datasheet HTML 1Page - Vishay Siliconix JSST271 Datasheet HTML 2Page - Vishay Siliconix JSST271 Datasheet HTML 3Page - Vishay Siliconix JSST271 Datasheet HTML 4Page - Vishay Siliconix JSST271 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J/SST270 Series
Vishay Siliconix
www.vishay.com
8-2
Document Number: 70258
S-04233—Rev. D, 02-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST270
J/SST271
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = 1 mA , VDS = 0 V
45
30
30
Gate-Source Cutoff Voltage
VGS(off)
VDS = –15 V, ID = –1 nA
0.5
2.0
1.5
4.5
V
Saturation Drain Currentb
IDSS
VDS = –15 V, VGS = 0 V
–2
–15
–6
–50
mA
VGS = 20 V, VDS = 0 V
10
200
200
pA
Gate Reverse Current
IGSS
TA = 125_C
5
nA
Gate Operating Current
IG
VDG = –15 V, ID = –1 mA
10
Drain Cutoff Current
ID(off)
VDS = –15 V, VGS = 10 V
–10
pA
Gate-Source Forward Voltage
VGS(F)
IG = –1 mA , VDS = 0 V
–0.7
V
Dynamic
Common-Source Forward Transconductance
gfs
VDS = –15 V, VGS = 0 V
6
15
8
18
mS
Common-Source Output Conductance
gos
VDS = –15 V, VGS = 0 V
f = 1 kHz
200
500
mS
Common-Source Input Capacitance
Ciss
20
Common-Source
Reverse Transfer Capacitance
Crss
VDS = –15 V, VGS = 0 V
f = 1 MHz
4
pF
Equivalent Input Noise Voltage
en
VDG = –10 V, VGS = 0 V
f = 1 kHz
20
nV
√Hz
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
PSCIA
b.
Pulse test: PW
v300 ms duty cycle v3%.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
200
06
8
10
4
2
160
0
–100
–80
–60
–40
–20
0
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
rDS @ ID = –1 mA, VGS = 0 V
IDSS @ VDS = –15 V, VGS = 0 V
IDSS
rDS
120
80
40
18
0
15
12
9
6
3
68
10
2
250
200
150
100
50
0
Forward Transconductance and Output Conductance
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
gfs and gos @ VDS = –15 V
VGS = 0 V, f = 1 kHz
gfs
gos
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com