Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-J456 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J456
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J456 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J456 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0551EN
AV02-1360EN - June 20, 2008
IPM Dead Time and Propagation Delay Specifications
The HCPL-4506 series include a Propagation Delay Differ-
ence specification intended to help designers minimize
“dead time” in their power inverter designs. Dead time is
the time period during which both the high and low side
power transistors (Q1 and Q2 in Figure 24) are off. Any
overlap in Q1 and Q2 conduction will result in large cur-
rents flowing through the power devices between the
high and low voltage motor rails.
To minimize dead time the designer must consider the
propagation delay characteristics of the optocoupler
as well as the characteristics of the IPM IGBT gate drive
circuit. Considering only the delay characteristics of the
optocoupler (the characteristics of the IPM IGBT gate
drive circuit can be analyzed in the same way) it is impor-
tant to know the minimum and maximum turn-on (tPHL)
and turn-off (tPLH) propagation delay specifications, pref-
erably over the desired operating temperature range.
The limiting case of zero dead time occurs when the in-
put to Q1 turns off at the same time that the input to
Q2 turns on. This case determines the minimum de-
lay between LED1 turn-off and LED2 turn-on, which
is related to the worst case optocoupler propagation
delay waveforms, as shown in Figure 25. A minimum
dead time of zero is achieved in Figure 25 when the
signal to turn on LED2 is delayed by (tPLH max - tPHL
min) from the LED1 turn off. Note that the propagation
delays used to calculate PDD are taken at equal tem-
peratures since the optocouplers under consideration
are typically mounted in close proximity to each other.
(Specifically, tPLHmax and tPHLmin in the previous equa-
tion are not the same as the tPLHmax and tPHLmin, over the
full operating temperature range, specified in the data
sheet.) This delay is the maximum value for the propaga-
tion delay difference specification which is specified at
450 ns for the HCPL-4506 series over an operating tem-
perature range of -40°C to 100°C.
Delaying the LED signal by the maximum propagation
delay difference ensures that the minimum dead time
is zero, but it does not tell a designer what the maxi-
mum dead time will be. The maximum dead time oc-
curs in the highly unlikely case where one optocoupler
with the fastest tPLH and another with the slowest tPHL
are in the same inverter leg. The maximum dead
time in this case becomes the sum of the spread
inthetPLHandtPHLpropagationdelaysasshowninFigure26.
The maximum dead time is also equivalent to the differ-
ence between the maximum and minimum propagation
delay difference specifications. The maximum dead time
(due to the optocouplers) for the HCPL-4506 series is
600 ns (= 450ns - (-150 ns) ) over an operating tempera-
ture range of -40°C to 100°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com