Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8F18W-WWO2-US Datasheet(PDF) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # T8F18W-WWO2-US
Description  T8F18W-WWO2-US
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

T8F18W-WWO2-US Datasheet(HTML) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

  T8F18W-WWO2-US Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. T8F18W-WWO2-US Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LED T-8 Light Tube
T8F18W-WWO2-US
Rev.: A /1
◆Electrical Characteristics:
Input Voltage Range
100~277V
Input Current
135mA~165mA @120V
68mA~82mA @240V
59mA~71mA @277V
LED Type
PLCC 5630
LED Quantity
132Pcs
Power Consumption
18W
±10%
Power Factor
>0.9
◆Mechanical Characteristics:
Heat-Sink Specification
Aluminum
Cover Material
Frosted Stripes
PCB
Material
High thermal conductivity of glass
fiber
R1787
Power Supply
Internal
Socket Type
G13
Tube Diameter
Φ26mm
Weight
320g
◆Optical Characteristics:
Color Rendering Index
>80
Luminous Flux
1700 lm±10%
Luminance@ 1M
460
±10%(lux)
View Angle
140
°±5°
Color Temperature
3045
±200K
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-9-24
Page : 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com