Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQW412 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQW412
Description  8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW412 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQW412 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW412 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M21001.1
- 4 -
http://www.cosmo-ic.com
cosmo
KAQW412 Series
8PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
8
7
4
3
6
5
2b
AC
DC
-
I L2
4
5
Load
5
(AC,DC)
(AC,DC)
(AC,DC)
(AC,DC)
(1) Two independent 1 Form B use
(2) 2 Form B use
4
IN
V
F
I
3
2
1
IN2
V
IN1
V
F2
I
3
I F1
2
1
6
7
8
Load
I L1
V L2
V L1
5
6
7
8
Load
Load
I L2
L1
I
V L2
V L1
5
Load
Load
6
7
8
I L2
I L1
L1
L2
V
V
(AC,DC)
(AC,DC)
Load
Load
6
7
8
I L2
L1
I
L1
L2
V
V
(AC,DC)
(AC,DC)
4
IN2
V
IN1
V
F2
I
3
I F1
2
1
4
IN
V
F
I
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com