Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMASV1930 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RMASV1930
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RMASV1930 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RMASV1930 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
RMASV1930
PART NUMBERS
RMASV1930BK1
PAINTED BLACK TEXTURED
FRONT VIEW
TOP VIEW
SIDE VIEW
NOTES
Maximum Weight 75 lb
10-32 Mounting Screws Included
30.00 in
762 mm
40.00 in
1016 mm
ADJUSTS TO
19.00 in
483 mm
18.31 in
465 mm
MTG
17.42 in
442 mm
I/S
Item Number
Title
Quantity
1
RMAS -VENTED SHELF
1
2
RMAS - REAR MTG BRACKET
1
3
NUT 10-32 HEX
6
4
SCREW 10-32 X 3/8
6
1.72 in
44 mm
1.79 in
45 mm
3
4
O 0.25 X 2.00
SLOT, TYP
2.00 in
51 mm
1.34 in
34 mm
14.88 in
378 mm
DETAIL A
2:1
DETAIL A
3.25 in
83 mm
.88 in
22 mm
O0.24 X 1.50
VENTING SLOT
TYPICAL
26.00 in
660 mm
2
1


Similar Part No. - RMASV1930

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RMASV1930BK1 HAMMOND-RMASV1930BK1 Datasheet
81Kb / 1P
Tablette a profondeur reglable, pour montage sur quatre montants
More results

Similar Description - RMASV1930

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com