Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMC Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RMC
Description  Chassis pour equipement - modele economique
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RMC Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RMC Datasheet HTML 1Page - Hammond Manufacturing Ltd. RMC Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Front & Rear Replacement Panels (Full 17" Width Only)
Part No.
Part No.
Part No.
Mounting Dimensions
Textured Black
Smooth Black
Beige
Height
Rack Units
RMCP1
RMCP1BK
RMCP1CG
1.75
1U
RMCP1
RMCP1BK
RMCP1CG
1.75
1U
RMCP3
RMCP3BK
RMCP3CG
3.5
2U
RMCP3
RMCP3BK
RMCP3CG
3.5
2U
RMCP5
RMCP5BK
RMCP5CG
5.25
3U
RMCP7
RMCP7BK
RMCP7CG
7
4U
RMCP8
RMCP8BK
RMCP8CG
8.75
5U
RMCP10
RMCP10BK
RMCP10CG
10.5
6U
RMCP10
RMCP10BK
RMCP10CG
10.5
6U
Internal Aluminum Chassis Panel
Part No.
Overall Panel Dimensions
For use with Enclosure Dimensions
Height
Width
Depth
Width
Depth
RMP908
0.50
8.22
6.00
8.50
8.00
RMP1908
0.50
16.72
6.00
17.00
8.00
RMP1913
0.50
16.72
11.00
17.00
13.00
RMP1915
0.50
16.72
13.00
17.00
15.00
Part No.
Part No.
Overall Dimensions
Usable Mounting Dimensions
Inside Height
A ccepts
Clearance
With Chassis
Pull Handle
Solid Top/Bottom
Vented Top/Bottom
Height Width Depth
Rack Units
Height
Installed
Part No.
RMCS9018BK1
RMCV 9018BK1
1.73
8.50
8.00
1U
1.75
0.81
-
RMCS19018BK1
RMCV 19018BK1
1.73
17.00
8.00
1U
1.75
0.81
-
RMCS190113BK1
RMCV 190113BK1
1.73
17.00
13.00
1U
1.75
0.81
-
RMCS9038BK1
RMCV 9038BK1
3.48
8.50
8.00
2U
3.50
2.56
1427P
RMCS19038BK1
RMCV 19038BK1
3.48
17.00
8.00
2U
3.50
2.56
1427P
RMCS190313BK1
RMCV 190313BK1
3.48
17.00
13.00
2U
3.50
2.56
1427P
RMCS9058BK1
RMCV 9058BK1
5.23
8.50
8.00
3U
5.25
4.31
1427N
RMCS190513BK1
RMCV 190513BK1
5.23
17.00
13.00
3U
5.25
4.31
1427N
RMCS190713BK1
RMCV 190713BK1
6.98
17.00
13.00
4U
7.00
6.06
1427M
RMCS190813BK1
RMCV 190813BK1
8.73
17.00
13.00
5U
8.75
7.81
1427M
RMCS191013BK1
RMCV 191013BK1
10.48
17.00
13.00
6U
10.50
9.56
1427L
RMCS191015BK1
RMCV 191015BK1
10.48
17.00
15.00
6U
10.50
9.56
1427L
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com