Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD2F Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # BPD2F
Description  Energy Limiting (BP Series)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

BPD2F Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  BPD2F Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
102
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Energy Limiting (BP Series)
2.125
2.75
2.438
SEC
(LOAD)
PRI
(LINE)
CLASS 2 - PLUG IN
ENERGY LIMITING TRANSFORMERS
Used in AC powered chimes, door bells, security systems, decorative
•
lighting,furnaces,humidifiers,appliances,vendingmachinesand
intercom system type applications.
Enclosed in an attractive plug in black plastic case.
•
For indoor use only
•
Input 120VAC - 20VA units are inherently limited - no fuses or circuit
•
breakers.
40VA units use an internal slow blow fuse.
•
Secondary - 2 recessed slot head screw terminals (on plug side).
•
All models are 60 Hz.
•
CSAcertified(#LR113601)andULlisted(#E184936)
•
2.13
3.58
2.80
20 VA
40 VA
Part No.
A.C.
Input
(Primary)
V (RMS)
A.C. Output
Secondary (RMS) Power
Rating
VA
V
A
BPD2E
120
12
1.67
20
BPD2EE
120
14
1.43
20
BPD2F
120
16
1.25
20
BPD2FF
120
18
1.11
20
BPD2G
120
24
0.83
20
BPE2E
120
12
3.33
40
BPE2EE
120
14
2.86
40
BPE2F
120
16
2.50
40
BPE2FF
120
18
2.22
40
BPE2G
120
24
1.67
40


Similar Part No. - BPD2F

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
BPD2F HAMMOND-BPD2F Datasheet
305Kb / 3P
Used in AC powered chimes, door bells, security systems, decorative lighting, furnaces, humidifiers, appliances, vending machines, intercom system type applications.
BPD2FF HAMMOND-BPD2FF Datasheet
305Kb / 3P
Used in AC powered chimes, door bells, security systems, decorative lighting, furnaces, humidifiers, appliances, vending machines, intercom system type applications.
More results

Similar Description - BPD2F

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
Limiting Amplifier
logo
AAEON Technology
BP-204SP-P3 AAEON-BP-204SP-P3 Datasheet
44Kb / 1P
BP-204SP-P3
BP-204SS-P2 AAEON-BP-204SS-P2 Datasheet
107Kb / 1P
BP-204SS-P2
BP-206VG-P2 AAEON-BP-206VG-P2 Datasheet
213Kb / 1P
BP-206VG-P2
logo
Hammond Manufacturing L...
BD2G HAMMOND-BD2G Datasheet
296Kb / 1P
Energy Limiting (BA-BE Series)
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
Limiting Amplifier
logo
List of Unclassifed Man...
S84Z-401 ETC2-S84Z-401 Datasheet
502Kb / 2P
CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
Sharma Electro Componen...
BP SHARMA-BP Datasheet
334Kb / 2P
BP Series
logo
PHOENIX CONTACT
3208734 PHOENIX-3208734 Datasheet
73Kb / 8P
Plug - BP 4-5VT
logo
Advantech Co., Ltd.
PCA-6115-0B2E ADVANTECH-PCA-6115-0B2E Datasheet
165Kb / 3P
15 ISA BP, Rev. B2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com