Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB76NF75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB76NF75
Description  N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB76NF75 Datasheet(HTML) 1 Page - STMicroelectronics

  STB76NF75 Datasheet HTML 1Page - STMicroelectronics STB76NF75 Datasheet HTML 2Page - STMicroelectronics STB76NF75 Datasheet HTML 3Page - STMicroelectronics STB76NF75 Datasheet HTML 4Page - STMicroelectronics STB76NF75 Datasheet HTML 5Page - STMicroelectronics STB76NF75 Datasheet HTML 6Page - STMicroelectronics STB76NF75 Datasheet HTML 7Page - STMicroelectronics STB76NF75 Datasheet HTML 8Page - STMicroelectronics STB76NF75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2009
Doc ID 13780 Rev 2
1/15
15
STB76NF75, STI76NF75
STP76NF75
N-channel 75 V, 0.0095
Ω, 80 A TO-220, D2PAK, I2PAK
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
Application
■ Switching applications
– Automotive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STB76NF75
75 V
< 0.011
Ω 80 A(1)
1.
Current limited by package
STI76NF75
75 V
< 0.011
Ω 80 A(1)
STP76NF75
75 V
< 0.011
Ω 80 A(1)
1
2
3
TO-220
D²PAK
1
3
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB76NF75
B76NF75
D²PAK
Tape and reel
STI76NF75
I76NF75
I²PAK
Tube
STP76NF75
P76NF75
TO-220
Tube
www.st.com


Similar Part No. - STB76NF75

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB76NF75 ISC-STB76NF75 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB76NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
27-Nov-2006
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Feb-2003
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
24-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com