Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD2F Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # BPD2F
Description  Used in AC powered chimes, door bells, security systems, decorative lighting, furnaces, humidifiers, appliances, vending machines, intercom system type applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

BPD2F Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  BPD2F Datasheet HTML 1Page - Hammond Manufacturing Ltd. BPD2F Datasheet HTML 2Page - Hammond Manufacturing Ltd. BPD2F Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Class 2 - Energy Limiting
Plug - In
20 VA
40 VA
Key Features:
q
Used in AC powered chimes, door bells, security systems, decorative lighting, furnaces, humidifiers, appliances, vending
machines, intercom system type applications.
q
Enclosed in an attractive plug in black plastic case.
q
For indoor use only.
q
Input 120VAC - 20 VA units are inherently limited - no fuses or circuit breakers, 40 VA units use an internal slow blow fuse.
q
Secondary - 2 recessed slot head screw terminals (on plug side).
q
All models - 60 Hz.
q
CSA certified (#LR 113601) and UL listed (#E 184936)
Cat. No.
A.C. Input
(Primary)
V (RMS)
A.C. Output Secondary
(RMS)
Power Rating
VA
V
A
BPD2E
120
12
1.67
20
BPD2EE
120
14
1.43
20
BPD2F
120
16
1.25
20
BPD2FF
120
18
1.11
20
BPD2G
120
24
0.83
20
BPE2E
120
12
3.33
40
BPE2EE
120
14
2.86
40
BPE2F
120
16
2.50
40
BPE2FF
120
18
2.22
40
BPE2G
120
24
1.67
40


Similar Part No. - BPD2F

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
BPD2F HAMMOND-BPD2F Datasheet
267Kb / 1P
Energy Limiting (BP Series)
BPD2FF HAMMOND-BPD2FF Datasheet
267Kb / 1P
Energy Limiting (BP Series)
More results

Similar Description - BPD2F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
logo
ADTech
MAGIC6 ADTECH-MAGIC6 Datasheet
101Kb / 10P
specifically designed for LED lighting and decorative LED lighting applications
logo
OPTEK Technologies
OVM18F4W7 OPTEK-OVM18F4W7 Datasheet
268Kb / 2P
Special decorative interior/exterior lighting
logo
IK Semicon Co., Ltd
IL9961 IKSEMICON-IL9961 Datasheet
543Kb / 12P
Architecture and decorative LED lighting
logo
List of Unclassifed Man...
4504FE ETC2-4504FE Datasheet
93Kb / 2P
Intercom/PA Systems, Sound/Audio Systems.
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Power System Technology
FAB0202002 PST-FAB0202002 Datasheet
180Kb / 2P
Train embedded. Converter for automate in security system applications
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
LED decorative lighting
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com