Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT191UY Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HT191UY
Description  Label Specifications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT191UY Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HT191UY Datasheet HTML 3Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 4Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 5Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 6Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 7Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 8Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 9Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 10Page - List of Unclassifed Manufacturers HT191UY Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
7/25
Lot No.:
1
2
3
4
5
6
7
8
9
10
P 1 2 2 3 0 A - DT
▓
Luminous Intensity (Iv) Bin:
Bin
Luminous Intensity Range (mcd)
Bin
Luminous Intensity Range (mcd)
Minimum
Maximum
Minimum
Maximum
H1
2.8
3.6
H2
3.6
4.5
J1
4.5
5.7
J2
5.7
7.2
K1
7.2
9.0
K2
9.0
11.2
L1
11.2
14.2
L2
14.2
18.0
M1
18.0
22.5
M2
22.5
28.5
N1
28.5
36.0
N2
36.0
45.0
P1
45.0
57.0
P2
57.0
71.5
Q1
71.5
90.0
Q2
90.0
112.5
R1
112.5
142.0
R2
142.0
180.0
S1
180.0
227.0
S2
227.0
285.0
T1
285.0
360.0
T2
360.0
450.0
U1
450.0
570.0
U2
570.0
715.0
@20mA / Ta=25
O C, Tolerance: + 10%
Code 1
Code 2
Code 3
Code 4, 5
Code 6, 7
Code 9
Code 10
Mfg. Year
Mfg. Month
Mfg. Date
Lots
Resin Color
Packaging
Internal
Tracing
Code
Z: 2000
1: 2001
2: 2002
3: 2003
…..
1: Jan.
2: Feb.
….
9: Sep.
A: Oct.
B: Nov.
C: Dec.
1~31/ (30)
01~99,
A,B,C…
C: Clear
D: Diffused
T: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com