Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDZ4V7CSF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ4V7CSF
Description  0.5W SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ4V7CSF Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ4V7CSF Datasheet HTML 1Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 2Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 3Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 4Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 5Page - Diodes Incorporated DDZ4V7CSF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DDZ2V4ASF – DDZ39DSF
Document number: DS31987 Rev. 17 - 2
2 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DDZ2V4ASF – DDZ39DSF
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Type Number
Marking Code
Zener Voltage Range
(Notes 6 & 7)
Maximum Zener Impedance
f = 1kHz
Maximum Reverse
Current (Note 8)
VZ @ IZT
IZT
ZZT @ IZT
IR
@ VR
Min (V)
Max (V)
mA
Ω
μA
V
DDZ2V4ASF
4C
2.33
2.52
20
100
120
1
DDZ2V4BSF
KD
2.43
2.63
20
100
120
1
DDZ2V7ASF
4E
2.54
2.75
20
110
120
1
DDZ2V7BSF
KE
2.69
2.91
20
110
120
1
DDZ3V0ASF
4F
2.85
3.07
20
120
50
1
DDZ3V0BSF
KF
3.01
3.22
20
120
50
1
DDZ3V3ASF
4G
3.16
3.38
20
130
20
1
DDZ3V3BSF
KG
3.32
3.53
20
130
20
1
DDZ3V6ASF
4H
3.45
3.69
20
130
10
1
DDZ3V6BSF
KH
3.60
3.84
20
130
10
1
DDZ3V9ASF
4J
3.74
4.01
20
130
10
1
DDZ3V9BSF
KJ
3.89
4.16
20
130
10
1
DDZ4V3ASF
4K
4.04
4.29
20
130
10
1
DDZ4V3BSF
KK
4.17
4.43
20
130
10
1
DDZ4V3CSF
YK
4.30
4.57
20
130
10
1
DDZ4V7ASF
4L
4.44
4.68
20
130
10
1
DDZ4V7BSF
KL
4.55
4.80
20
130
10
1
DDZ4V7CSF
YL
4.68
4.93
20
130
10
1
DDZ5V1ASF
4M
4.81
5.07
20
130
7.5
2
DDZ5V1BSF
KM
4.94
5.20
20
130
7.5
2
DDZ5V1CSF
YM
5.09
5.37
20
130
7.5
2
DDZ5V6ASF
4N
5.28
5.55
20
80
7.5
2
DDZ5V6BSF
KN
5.45
5.73
20
80
7.5
2
DDZ5V6CSF
YN
5.61
5.91
20
80
7.5
2
DDZ6V2ASF
4O
5.78
6.09
20
50
7.5
3
DDZ6V2BSF
KO
5.96
6.27
20
50
7.5
3
DDZ6V2CSF
YO
6.12
6.44
20
50
7.5
3
DDZ6V8ASF
4P
6.29
6.63
20
30
7.5
4
DDZ6V8BSF
KP
6.49
6.83
20
30
7.5
4
DDZ6V8CSF
YP
6.66
7.01
20
30
7.5
4
DDZ7V5ASF
4Q
6.85
7.22
20
30
7.5
4
DDZ7V5BSF
KQ
7.07
7.45
20
30
7.5
4
DDZ7V5CSF
YQ
7.29
7.67
20
30
7.5
4
DDZ8V2ASF
4R
7.53
7.92
20
30
7.5
7.15
DDZ8V2BSF
KR
7.78
8.19
20
30
7.5
7.39
DDZ8V2CSF
YR
8.03
8.45
20
30
7.5
7.63
Notes:
5. Device mounted on FR-4 PCB with 10mm x 10mm pad, board size 35mm * 25mm.
6. The Zener voltage is measured 40ms after power is supplied.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com