Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG8889 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # AG8889
Description  CALL WAITING DECODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

AG8889 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

  AG8889 Datasheet HTML 1Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 2Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 3Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 4Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 5Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 6Page - ELAN Microelectronics Corp AG8889 Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
* This specification are subject to be changed without notice.
AG8889
CALL WAITING DECODER
8.8.2000
APPLICATION NOTE
1. VDD, GND
To reduce noise effects, separate the analog and digital systems close to the device. For both the digital and
analog VDD pins, use a ceramic capacitor of about 0.1uF set as close as possible to the pin to bypass to the
respective GND's.
2. PWD pin
By connecting PWD pin to GND, normal mode is obtained. In the normal mode, the oscillator is activated then
ready to decode CAS signal and the chip consumes operating current. By connecting PWD pin to VDD, the
chip is on power down mode and the chip consumes just stand-by current.
3. OPO pin
This pin is the gain adjustment of internal OP Amp.
4. XIN, XOUT pins
If the resonator is used, two capacitors about 33pF and 1M( resistor have to be connected for frequency
accuracy.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com