Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG8888N Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # AG8888N
Description  CALL WAITING DECODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

AG8888N Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  AG8888N Datasheet HTML 1Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 2Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 3Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 4Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 5Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 6Page - ELAN Microelectronics Corp AG8888N Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
* This specification are subject to be changed without notice.
AG8888
CALL WAITING DECODER
8.8.2000
I.
GENERAL DESCRIPTION
This is a Call Waiting decoder used on the telephone. Call Waiting service works by alerting a customer engaged
in a telephone call to a new incoming call. Thus, the customer can still receive important calls while engaged in
a current call. The Call Waiting decoder can detect dual-tone (2130Hz and 2750Hz) alert tone and generate a
valid timing on the data pins for micro controller.
II.
FEATURES
• Compatible with Bellcore special report SR-TSV-002476
• 3.6V ~ 6.0V supply voltage
• Call-Waiting (2130Hz plus 2750Hz) alert tone detector
• Sensitivity compensated by adjusting OP Amp
• Internal buffer
• Detection block for alert tone detected and digital algorithm detection
• Package series --- 14-pin DIP or 16-pin SOP (150 mil)
AG8888AP for 14-pin DIP
AG8888N for 16-pin SOP (150 mil)
III.
APPLICATION
Feature phones, cordless phones and stand-alone product
IV. PIN CONFIGURATION
DVSS
OPO
AVDD
OSCI
OSCO
14
13
12
11
9
1
2
3
4
5
6
78
F1
BO
AVSS
10
OE
NC
DO
NC
DVDD
TI/RI
AG8888AP
DVSS
OPO
AVDD
OSCI
OSCO
16
15
14
13
11
1
2
3
4
5
6
710
F1
BO
AVSS
12
OE
NC
NC
NC
89
DO
NC
DVDD
TI/RI
AG8888N


Similar Part No. - AG8888N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
CALL WAITING DECODER
AG8889AP EMC-AG8889AP Datasheet
65Kb / 7P
CALL WAITING DECODER
AG8889N EMC-AG8889N Datasheet
65Kb / 7P
CALL WAITING DECODER
More results

Similar Description - AG8888N

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
Call progress decoder
1986 May 8
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
CALL WAITING DECODER
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
Calling Line Identifier plus Call Waiting (Type II)
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
Call Progress Decoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com