Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS201LL-2 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # PS201LL-2
Description  All dimensions are in millimeters.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

PS201LL-2 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  PS201LL-2 Datasheet HTML 1Page - COSMO  Electronics Corporation PS201LL-2 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATION
DATE:05/30/2006
NO. 60S01006
cosmo
ELECTRONICS CORPORATION
Rambo IC:
PS201LL-2
SHEET 2 OF 2
VER.
1
Absolute maximum ratings :
(Ta=25℃, unless otherwise specified)
Characteristics
Symbol
Rating
Unit
Supply voltage
Vcc
-0.2 ~ 7
V
Other voltage
-0.3 ~ Vcc +0.3
V
Operating temperature
Topr
-20 ~ +75
℃
Storage temperature
Tstr
-20 ~ +80
℃
Optical-electrical characteristics :
(Ta=25℃, unless otherwise specified)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply
voltage
Vcc
3.5
5
5.5
V
Supply
current
Vcc=5.5V
all output low
Icc
0.1
3
μA
Vcc=5V, Voh=4.5V
Ioh
-450
μA
Output
current
Vcc=5V, Vol=0.5V
Iol
2.5
mA
Timing chart :
OUT-A
OUT-B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com