Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPLT1320A Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPLT1320A
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT1320A Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPLT1320A Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT1320A Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT1320A Datasheet HTML 3Page - COSMO  Electronics Corporation KPLT1320A Datasheet HTML 4Page - COSMO  Electronics Corporation KPLT1320A Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT
SPECIFICATION
DATE: 2/17/2005
NO.60F00008 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLT1320A
SHEET 2 OF 5
1
1. Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Storage Temperature
Tstg
-40~80
℃
Operating Temperature
Topr
-20~70
℃
Power Dissipation
Pmax
120
mW
Supply Voltage
Vcc
-0.5~7
V
Input Voltage
VIN
-0.5~Vcc+0.5
V
Soldering Temperature
Tsol
260(Note 1)
℃
Note 1:Soldering time ≦ 10 seconds(At a distance of 1 mm from the package).
2. Recommended Operating Conditions
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
4.75
5.0
5.25
V
High-Level Input Voltage
VIH
2.0
-
VCC
V
Low-Level Input Voltage
VIL
0
-
0.8
V
3. Electrical and Optical Characteristics(Ta=25℃,VCC=5V)
Parameter
Symbol
Condition
Min Typ. Max Unit
Data Rate
NRZ Signal(Note 2)
DC
-
13.2 Mb/s
Transmission Distance
Using APF(Note 3)
0.2
-
5
m
Fiber Output Power(Note 4)
Pf
-21
-
-15 dBm
Peak Emission Wavelength
λp
630
650
690
nm
Current Consumption
Icc
-
-
13
mA
High Level Input Voltage
VIH
2.0
-
-
V
Low Level Input Voltage
VIL
-
-
0.8
V
Low->High Propagation delay
time
tPLH
150
ns
High -> Low Propagation delay
time
tPHL
150
ns
Pulse Width Distortion
△
tw
6Mbps NRZ Signal
-25
-
25
ns
Jitter Time
△
tj
25
ns
Note 2:LED is on when input signal is high, and off when it is low.
The duty factor must be maintained between 25 to 75%.
Note 3:All Plastic Fiber(970 / 1000nm).
Note 4:Measure with a standard optical fiber, peak value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com