Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACPES0004 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MACPES0004
Description  E-Series 75 Ohm Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACPES0004 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MACPES0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACPES0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1557 B
23/10/’00
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance @ 25°C
Operating Characteristics
Function
Pin No.
Input
6
Output
1
Coupled
4
Ground
5
Not Connected
2
External 75 Ohms
3
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating/Storage Temperature
-40°C to +85°C
Insertion Loss
-1.60
-1.28
-0.96
-0.64
-0.32
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
Coupling
-15.00
-12.00
-9.00
-6.00
-3.00
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
Output Return Loss
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
Coupled Port Return Loss
-30.00
-24.00
-18.00
-12.00
-6.00
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
Isolation
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
Input Return Loss
-35.00
-28.00
-21.00
-14.00
-7.00
0.00
5.00
178.00
351.00
524.00
697.00
870.00
Frequency (MHz)
Options
MACPES0004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com