Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2F060 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # A2F060
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button A2F060 Datasheet HTML 9Page - Microsemi Corporation A2F060 Datasheet HTML 10Page - Microsemi Corporation A2F060 Datasheet HTML 11Page - Microsemi Corporation A2F060 Datasheet HTML 12Page - Microsemi Corporation A2F060 Datasheet HTML 13Page - Microsemi Corporation A2F060 Datasheet HTML 14Page - Microsemi Corporation A2F060 Datasheet HTML 15Page - Microsemi Corporation A2F060 Datasheet HTML 16Page - Microsemi Corporation A2F060 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 1
2 – SmartFusion DC and Switching Characteristics
General Specifications
Operating Conditions
Stresses beyond the operating conditions listed in Table 2-1 may cause permanent damage to the
device.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings are stress ratings only; functional operation of the device at these or any
other conditions beyond those listed under the Recommended Operating Conditions specified in
Table 2-3 on page 2-3 is not implied.
Table 2-1 • Absolute Maximum Ratings
Symbol
Parameter
Limits
Units
VCC
DC core supply voltage
–0.3 to 1.65
V
VJTAG
JTAG DC voltage
–0.3 to 3.75
V
VPP
Programming voltage
–0.3 to 3.75
V
VCCPLLx
Analog power supply (PLL)
–0.3 to 1.65
V
VCCFPGAIOBx DC FPGA I/O buffer supply voltage
–0.3 to 3.75
V
VCCMSSIOBx
DC MSS I/O buffer supply voltage
–0.3 to 3.75
V
VI
I/O input voltage
–0.3 V to 3.6 V
(when I/O hot insertion mode is enabled)
–0.3 V to (VCCxxxxIOBx + 1 V) or 3.6 V,
whichever voltage is lower (when I/O hot-
insertion mode is disabled)
V
VCC33A
Analog clean 3.3 V supply to the analog
circuitry
–0.3 to 3.75
V
VCC33ADCx
Analog 3.3 V supply to ADC
–0.3 to 3.75
V
VCC33AP
Analog clean 3.3 V supply to the charge pump
–0.3 to 3.75
V
VCC33SDDx
Analog 3.3 V supply to the sigma-delta DAC
–0.3 to 3.75
V
VAREFx
Voltage reference for ADC
1.0 to 3.75
V
VCCRCOSC
Analog supply to the integrated RC oscillator
–0.3 to 3.75
V
VDDBAT
External battery supply
–0.3 to 3.75
V
VCCMAINXTAL Analog supply to the main crystal oscillator
–0.3 to 3.75
V
VCCLPXTAL
Analog supply to the low power 32 kHz crystal
oscillator
–0.3 to 3.75
V
VCCENVM
Embedded nonvolatile memory supply
–0.3 to 1.65
V
VCCESRAM
Embedded SRAM supply
–0.3 to 1.65
V
VCC15A
Analog 1.5 V supply to the analog circuitry
–0.3 to 1.65
V
VCC15ADCx
Analog 1.5 V supply to the ADC
–0.3 to 1.65
V
TSTG1
Storage temperature
–65 to +150
°C
TJ1
Junction temperature
125
°C
Notes:
1. For flash programming and retention maximum limits, refer to Table 2-4 on page 2-4. For recommended operating
conditions, refer to Table 2-3 on page 2-3.
2. The device should be operated within the limits specified by the datasheet. During transitions, the input signal may
undershoot or overshoot according to the limits shown in Table 2-5 on page 2-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com