Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSL-6210 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACSL-6210
Description  Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACSL-6210 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACSL-6210 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACSL-6210 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Device Selection Guide
Device Number
Channel Configuration
Package
ACSL-6210
Dual, Bi-Directional`
8-pin Small Outline
ACSL-6300
Triple, All-in-One
16-pin Small Outline
ACSL-6310
Triple, Bi-Directional, 2/1
16-pin Small Outline
ACSL-6400
Quad, All-in-One
16-pin Small Outline
ACSL-6410
Quad, Bi-Directional, 3/1
16-pin Small Outline
ACSL-6420
Quad, Bi-Directional, 2/2
16-pin Small Outline
Pin Description
Symbol
Description
Symbol
Description
V
DD1
Power Supply 1
GND
1
Power Supply Ground 1
V
DD2
Power Supply 2
GND
2
Power Supply Ground 2
ANODE
x
LED Anode
NC
Not Connected
CATHODE
x
LED Cathode
V
OX
Output Signal
Truth Table (Positive Logic)
LED
OUTPUT
ON
L
OFF
H
Ordering Information
ACSL-6xx0 is UL Recognized with 2500 V
rms for 1 minute per UL1577 and is approved under CSA Component Accep-
tance Notice #5, File CA 88324.
Part number
RoHS
Compliant[1]
Package
Surface
Mount
Tape &
Reel
IEC/EN/DIN EN
60747-5-5
Quantity
ACSL-6210
-00RE
SO-8
X
100 per tube
-06RE
SO-8
X
X
100 per tube
-50RE
SO-8
X
X
1500 per reel
-56RE
SO-8
X
X
X
1500 per reel
ACSL-6300
ACSL-6310
ACSL-6400
ACSL-6410
ACSL-6420
-00TE
SO-16
X
50 per tube
-06TE
SO-16
X
X
50 per tube
-50TE
SO-16
X
X
1000 per reel
-56TE
SO-16
X
X
X
1000 per reel
Note 1: The ACSL-6xx0 product family is only offered in RoHS compliant option.
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACSL-6210-56RE refers to ordering a Surface Mount SO-8 package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Example 2:
ACSL-6400-00TE refers to ordering a Surface Mount SO-16 package product in tube packaging and in RoHS
compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com