Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD596 Datasheet(PDF) 3 Page - Analog Devices

Part # AD596
Description  Thermocouple Conditioner and Setpoint Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD596 Datasheet(HTML) 3 Page - Analog Devices

  AD596 Datasheet HTML 1Page - Analog Devices AD596 Datasheet HTML 2Page - Analog Devices AD596 Datasheet HTML 3Page - Analog Devices AD596 Datasheet HTML 4Page - Analog Devices AD596 Datasheet HTML 5Page - Analog Devices AD596 Datasheet HTML 6Page - Analog Devices AD596 Datasheet HTML 7Page - Analog Devices AD596 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD596/AD597
REV. B
–3–
Table I. Output Voltage vs. Thermocouple Temperature (Ambient +60 C, VS = –5 V, +15 V)
Thermocouple
Type J
AD596
Type K
AD597
Temperature
Voltage
Output
Voltage
Output
C
mV
mVmVmV
–200
–7.890
–1370
–5.891
–1446
–180
–7.402
–1282
–5.550
–1362
–160
–6.821
–1177
–5.141
–1262
–140
–6.159
–1058
–4.669
–1146
–120
–5.426
–925
–4.138
–1016
–100
–4.632
–782
–3.553
–872
–80
–3.785
–629
–2.920
–717
–60
–2.892
–468
–2.243
–551
–40
–1.960
–299
–1.527
–375
–20
–.995
–125
–.777
–191
–10
–.501
–36
–.392
–96
00
54
0
0
10
.507
146
.397
97
20
1.019
238
.798
196
25
1.277
285
1.000
245
30
1.536
332
1.203
295
40
2.058
426
1.611
395
50
2.585
521
2.022
496
60
3.115
617
2.436
598
80
4.186
810
3.266
802
100
5.268
1006
4.095
1005
120
6.359
1203
4.919
1207
140
7.457
1401
5.733
1407
160
8.560
1600
6.539
1605
180
9.667
1800
7.338
1801
200
10.777
2000
8.137
1997
220
11.887
2201
8.938
2194
240
12.998
2401
9.745
2392
260
14.108
2602
10.560
2592
280
15.217
2802
11.381
2794
300
16.325
3002
12.207
2996
320
17.432
3202
13.039
3201
340
18.537
3402
13.874
3406
360
19.640
3601
14.712
3611
380
20.743
3800
15.552
3817
400
21.846
3999
16.395
4024
420
22.949
4198
17.241
4232
440
24.054
4398
18.088
4440
460
25.161
4598
18.938
4649
480
26.272
4798
19.788
4857
Thermocouple
Type J
AD596
Type K
AD597
Temperature
Voltage
Output
Voltage
Output
CmV
mV
mV
mV
500
27.388
5000
20.640
5066
520
28.511
5203
21.493
5276
540
29.642
5407
22.346
5485
560
30.782
5613
23.198
5694
580
31.933
5821
24.050
5903
600
33.096
6031
24.902
6112
620
34.273
6243
25.751
6321
640
35.464
6458
26.599
6529
660
36.671
6676
27.445
6737
680
37.893
6897
28.288
6944
700
39.130
7120
29.128
7150
720
40.382
7346
29.965
7355
740
41.647
7575
30.799
7560
750
42.283
7689
31.214
7662
760
–
–
31.629
7764
780
–
–
32.455
7966
800
–
–
33.277
8168
820
–
–
34.095
8369
840
–
–
34.909
8569
860
–
–
35.718
8767
880
–
–
36.524
8965
900
–
–
37.325
9162
920
–
–
38.122
9357
940
–
–
38.915
9552
960
–
–
39.703
9745
980
–
–
40.488
9938
1000
–
–
41.269
10130
1020
–
–
42.045
10320
1040
–
–
42.817
10510
1060
–
–
43.585
10698
1080
–
–
44.439
10908
1100
–
–
45.108
11072
1120
–
–
45.863
11258
1140
–
–
46.612
11441
1160
–
–
47.356
11624
1180
–
–
48.095
11805
1200
–
–
48.828
11985
1220
–
–
49.555
12164
1240
–
–
50.276
12341
1250
–
–
50.633
12428



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com