Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD706JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD706JRZ
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD706JRZ Datasheet HTML 1Page - Analog Devices AD706JRZ Datasheet HTML 2Page - Analog Devices AD706JRZ Datasheet HTML 3Page - Analog Devices AD706JRZ Datasheet HTML 4Page - Analog Devices AD706JRZ Datasheet HTML 5Page - Analog Devices AD706JRZ Datasheet HTML 6Page - Analog Devices AD706JRZ Datasheet HTML 7Page - Analog Devices AD706JRZ Datasheet HTML 8Page - Analog Devices AD706JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. E
AD706
–3–
SPECIFICATIONS (continued)
AD706J/A
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Rated Performance
±15
V
Operating Range
±2.0
±18
V
Quiescent Current, Total
0.75
1.2
mA
TMIN to TMAX
0.8
1.4
mA
TRANSISTOR COUNT
Number of Transistors
90
NOTES
1Bias current specifications are guaranteed maximum at either input.
2Input bias current match is the difference between corresponding inputs (I
B of –IN of Amplifier 1 minus IB of –IN of Amplifier 2).
CMRR match is the difference between
∆
∆
V
V
OS1
CM
for Amplifier 1 and
∆
∆
V
V
OS2
CM
for Amplifier 2, expressed in dB.
PSRR match is the difference between
∆
∆
V
V
OS1
SUPPLY
for Amplifier 1 and
∆
∆
V
V
OS2
SUPPLY
for Amplifier 2, expressed in dB.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
(Total: Both Amplifiers)
2 . . . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . +0.7 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD706J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD706A . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 100
°C/W
8-Lead Small Outline Package:
θ
JA = 155
°C/W
3The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds
±0.7 V, external series protection resistors should be
added to limit the input current to less than 25 mA.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD706 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
Option
AD706JN
0
°C to 70°C
Plastic DIP
N-8
AD706JR
0
°C to 70°C
SOIC
R-8
AD706JR-REEL
0
°C to 70°CTape and Reel R-8
AD706JR-REEL7
0
°C to 70°CTape and Reel R-8
AD706AR
–40
°C to +85°C SOIC
R-8
AD706AR-REEL
–40
°C to +85°CTape and Reel R-8
AD706AR-REEL7
–40
°C to +85°CTape and Reel R-8
AD706ARZ-REEL
* –40
°C to +85°CTape and Reel R-8
*Lead-free part.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
2
1
3
4
5
6
7
8
OUTPUT A
–INPUT A
+INPUT A
–VS
0.074 (1.88)
OUTPUT B
–INPUT B
+INPUT B
+VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com