Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6TS-04LT Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B6TS-04LT
Description  Capacitive Touch Sensing ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B6TS-04LT Datasheet(HTML) 2 Page - Omron Electronics LLC

  B6TS-04LT Datasheet HTML 1Page - Omron Electronics LLC B6TS-04LT Datasheet HTML 2Page - Omron Electronics LLC B6TS-04LT Datasheet HTML 3Page - Omron Electronics LLC B6TS-04LT Datasheet HTML 4Page - Omron Electronics LLC B6TS-04LT Datasheet HTML 5Page - Omron Electronics LLC B6TS-04LT Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Capacitive Touch Sensing ICs
B6TS
Electrical Characteristics
■ B6TS-04LT - 4 Channel Sensor
Absolute maximum ratings
Recommended operating conditions
Note: Unless otherwise specified, V
dd = 3.0 – 5.5V, TOPR = -20 – 85° C.
Electrical characteristics (1) [Vdd=5V]
Note: Unless otherwise specified, V
dd = 4.20 – 5.5V, TOPR = -20 – 85° C.
Electrical characteristics (2) [Vdd=3V]
Note: Unless otherwise specified, V
dd = 3.0 – 3.3V, TOPR = -20 – 85° C.
Designation
Item
Condition
Rated value
Unit
V
dd
Supply voltage
-0.3 – 6.5
V
V
I
Input voltage
-0.3 – V
dd+0.3
V
V
O
Output voltage
-0.3 – V
dd+0.3
V
P
d
Power dissipation
T
opr=25° C300
mW
T
opr
Ambient operating temperature
-20 – 85
° C
T
stg
Storage temperature
-60 – 150
° C
Designation
Item
Condition
Rated value
Unit
Minimum
Standard
Maximum
V
dd
Supply voltage
3.0
5.5
V
V
IH
High input voltage
0.8V
dd
V
dd
V
V
IL
Low input voltage
0
0.2V
dd
V
I
OH
High output voltage
-5
mA
I
OL
Low output voltage
5mA
Designation
Item
Condition
Rated value
Unit
Minimum
Standard
Maximum
V
OH
High output voltage
I
OH = -5mA
V
dd-2.0
V
dd
V
I
OH = -200µAVdd-0.3
V
dd
V
V
OL
High input voltage
I
OL = 5Ma
2.0
V
I
OH = 200µA0.45
V
I
IH
High input voltage
V
I = 5V
5
µA
I
IL
Low input voltage
V
I = 0V
-5
µA
I
CC
Supply voltage
Normal measurement mode
5
µA
During sleep
0.4
mA
Designation
Item
Condition
Rated value
Unit
Minimum
Standard
Maximum
V
OH
High output voltage
I
OH = -1mA
V
dd-0.5
V
dd
V
V
OL
Low output voltage
I
OL = 1mA
0.5
V
I
IH
High input voltage
V
I = 3V
4
µA
I
IL
Low input voltage
V
I = 0V
-4
µA
I
CC
Supply voltage
Normal measurement mode
4.8
mA
During sleep
0.4
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com