Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT64
Description  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT64 Datasheet HTML 1Page - Infineon Technologies AG BAT64 Datasheet HTML 2Page - Infineon Technologies AG BAT64 Datasheet HTML 3Page - Infineon Technologies AG BAT64 Datasheet HTML 4Page - Infineon Technologies AG BAT64 Datasheet HTML 5Page - Infineon Technologies AG BAT64 Datasheet HTML 6Page - Infineon Technologies AG BAT64 Datasheet HTML 7Page - Infineon Technologies AG BAT64 Datasheet HTML 8Page - Infineon Technologies AG BAT64 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2014-02-11
2
BAT64...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
40
V
Forward current
IF
250
mA
Non-repetitive peak surge forward current
(t
≤ 10ms)
IFSM
800
Average rectified forward current (50/60Hz, sinus) IFAV
120
Total power dissipation
BAT64, TS ≤ 86°C
BAT64-02W, -02V TS ≤ 121°C
BAT64-04, BAT64-06, TS ≤ 61°C
BAT64-04W, BAT64-06W, TS ≤ 111°C
BAT64-05, TS ≤ 36°C
BAT64-05W, TS ≤ 104°C
Ptot
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAT64
BAT64-02W, -02V
BAT64-04, BAT64-06,
BAT64-04W, BAT64-06W
BAT64-05
BAT64-05W
RthJS
≤ 255
≤ 115
≤ 355
≤ 155
≤ 455
≤ 185
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com