Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV99TA
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99TA Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV99TA Datasheet HTML 1Page - Diodes Incorporated BAV99TA Datasheet HTML 2Page - Diodes Incorporated BAV99TA Datasheet HTML 3Page - Diodes Incorporated BAV99TA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV99
Document number: DS12007 Rev. 25 - 2
3 of 4
www.diodes.com
January 2014
© Diodes Incorporated
BAV99
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Fig. 1 Power Derating Curve
300
350
R
= 357°C/W
θJA
Note 6
0.1
1
0.01
0.001
01.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Forward Characteristics
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Capacitance vs. Reverse Voltage
R
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
0°
8°
-
All Dimensions in mm
A
M
J
L
D
F
B C
H
K
G
K1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com