Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM3348 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM3348
Description  QAMLink짰??DOCSIS??2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3348 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM3348 Datasheet HTML 1Page - Broadcom Corporation. BCM3348 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM3348
FEA TURES
SDRAM
Flash
BCM3348
High-Performance
Single-Chip
DOCSIS/EuroDOCSIS 2.0
Cable Modem
10/100
Ethernet
Silicon
Tuner
Medium Speed
USB 2.0
SAW
High-Performance, Single-Chip DOCSIS/EuroDOCSIS 2.0 Cable Modem
• Results in simplified BOM—reduces component count,
improves assembly process and results in lowest
overall system cost for DOCSIS/ EuroDOCSIS 2.0
cable modem
• DOCSIS 1.1 Mac provides compatibility with existing
CM applications code resulting in minimum
time-to-market
• 200-MHz MIPS32™ CPU provides 40% improvement
in packet throughput over previous generations
• Advanced QAMLink® modulator/demodulator
provides superior performance in noisy plant
environment
• On-chip PROPANE supports DOCSIS/EuroDOCSIS
compatible packet acceleration
• Integrated 10/100 Ethernet MAC/PHY with MII
eliminates the need for external Ethernet support
• Fully USB 1.1 compliant interface enables simple Plug
and Play installations
• EJTAG embedded ICE support is compatible with
existing MIPS32 development tools improving
software development and testing
• Sixth-generation technology results in a highly-stable,
reliable product
SUMMAR Y
OF
BENEFITS
QAMLink®‚ DOCSIS™ 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
PRODUCT
PRODUCT
Brief
Brief
BCM3348
• State of the art, single chip DOCSIS/EuroDOCSIS 2.0
cable modem providing unprecedented levels of
integration and performance
• The BCM3348 integrates:
• Advanced QAMLink® transceiver supporting Annex A/B/C
operation
• DOCSIS/EuroDOCSIS 2.0 MAC
• High performance 200-MHz MIPS32
™ CPU
• Advanced QAMLink
™‚ downstream demodulator, supporting
4/16/32/64/128/256/512/1024-QAM
• Advanced QAMLink‚ upstream modulator, supporting
2/4/8/16/64/128/256-QAM wth S-CDMA
• Upstream power amplifier
• 10/100 Ethernet MAC/PHY with MII interface
• Single 28-MHz reference crystal
• USB 1.1 slave port with integrated transceiver
• 100-MHz SDRAM interface
• Advanced RF and control interface to silicon tuner for
DOCSIS/EuroDOCSIS solutions
• EJTAG embedded ICE support
• On-chip support for PROPANETM packet acceleration
• Sixth-generation technology
• On-chip regulation support single voltage operation
• 352-pin PBGA package
®


Similar Part No. - BCM3348

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3348 BOARDCOM-BCM3348 Datasheet
180Kb / 2P
ADVANCED DIGITAL CABLE TUNER
More results

Similar Description - BCM3348

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3300 BOARDCOM-BCM3300 Datasheet
128Kb / 2P
BCM3300 QAMLINK SINGLE CHIP DOCSIS CABLE MODEM
BCM3345 BOARDCOM-BCM3345 Datasheet
152Kb / 1P
QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
logo
Filtronic Compound Semi...
ST-260C FILTRONIC-ST-260C Datasheet
325Kb / 1P
DOCSIS 2.0 Tracer for DOCSIS 1.0, 1.1, and 2.0 Protocol Analysis
logo
Broadcom Corporation.
BCM3349 BOARDCOM-BCM3349 Datasheet
182Kb / 2P
ADVANCED QAMLINK짰 DOCSIS-R 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
BCM93212 BOARDCOM-BCM93212 Datasheet
437Kb / 2P
DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM
logo
Synaptics Incorporated.
CX24951 CONEXANT-CX24951 Datasheet
200Kb / 4P
Single-Chip Cable Modem Solution
logo
STMicroelectronics
STV0498 STMICROELECTRONICS-STV0498 Datasheet
71Kb / 4P
DOCSIS 2.0 cable modem chip with channel bonding
16-Feb-2007
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com