Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR15 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DC cha r ac te ristics and o t h e r op era t i ng spe c ific ati ons
ww w.d i gi .c om
23
DC characteristics and other operating specifications
The NS7520 operates using an internal core VDD supply voltage of 1.5V. A 3.3VC supply is required
for the I/O cells, which drive/accept 3.3V levels.
Table 4 provides the DC characteristics for inputs; Table 5 provides the DC characteristics for
outputs.
Table 6 defines the DC operating (thermal) conditions for the NS7520. Operating the NS7520 outside
these conditions results in unpredictable behavior.
Sym
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input high voltage
2.0
3.6
V
VIL
Input low voltage
VSS – 0.3
0.8
V
Table 4: DC characteristics — Inputs
Sym
Parameter
Conditions
Min
Max
Unit
P
Power consumption
FSYSCLK = 55 MHz
Core
I/O
FSYSCLK = 46 MHz
Core
I/O
FSYSCLK = 36 MHz
Core
I/O
508
192
316
425
161
264
333
126
207
mW
mW
mW
mW
mW
mW
mW
mW
mW
VOL
Output low voltage
Outputs & bi-directional
0
0.4
V
VOH
Output high voltage
Outputs & bi-directional
2.4
VDD
V
Table 5: DC characteristics — Outputs
Sym
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Core supply voltage
1.4
1.5
1.6
V
VCC
I/O supply voltage
3.0
3.3
3.6
V
TOP
Ambient temperature
-40
85
oC
TJ
Junction temperature
110
oC
TSTG
Storage temperature
-40
125
oC
θJ
Pkg thermal resistance
50
oC/W
IIH
Input threshold
No pullup
-10
10
μΑ
Table 6: Recommended operating temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com