Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDR10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ADDR10
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ADDR10 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR10 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
P i no ut d e tail tabl es
6
NS 75 20 Da ta shee t
03 /2 00 6
Pinout detail tables
Each pinout table applies to a specific interface and contains the following information:
Notes:
NO CONNECT
as a pin description means do not connect to this pin.
The 177th pin (package ball) is for alignment of the package on the PCB.
System Bus interface
Signal
The pin name for each I/O signal. Some signals have multiple function modes and are identified
accordingly. The mode is configured through firmware using one or more configuration registers.
Pin
The pin number assignment for a specific I/O signal.
U next to the pin number indicates that the pin is a pullup resistor.
D next to the pin number indicates that the pin is a pulldown resistor.
No value next to the pin indicates that the pin has neither a pullup nor pulldown resistor.
See Figure 5, "Internal pullup characteristics," on page 24 and Figure 6, "Internal pulldown
characteristics," on page 25 for an illustration of the characteristics of these pins. Use the figures
to select the appropriate value of the complimentary resistor to drive the signal to the opposite
logic state. For those pins with no pullup or pulldown resistor, you must select the appropriate
value per your design requirements.
_
An underscore (bar) indicates that the pin is active low.
I/O
The type of signal — input, output, or input/output.
OD
The output drive strength of an output buffer. The NS7520 uses one of three drivers:
2 mA
4 mA
8 mA
Symbol
Pin
I/O
OD
Description
BCLK
A6
0
8
Synchronous bus clock
External bus
Other
External bus
Other
ADDR27
CS0OE_
N10 U
I/O
4
Addr bit 27
Logical AND of CS0_ and OE_
ADDR26
CS0WE_
P10 U
I/O
4
Addr bit 26
Logical AND of CS_ and WE_
External bus
External bus
ADDR25
M10 U
I/O
4
Remainder of address bus (through ADDR0)
ADDR24
R10 U
I/O
4
ADDR23
N9 U
I/O
4
ADDR22
R9 U
I/O
4
ADDR21
M9 U
I/O
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com