Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DATA31 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DATA31
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DATA31 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DATA31 Datasheet HTML 1Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 2Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 3Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 4Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 5Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 6Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 7Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 8Page - List of Unclassifed Manufacturers DATA31 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
NS7520 Data Sheet
The Digi NS7520 is a high-performance, highly integrated, 32-bit system-on-a chip ASIC designed
for use in intelligent networked devices and Internet appliances. The NS7520 is based on the
standard architecture in the NET+ARM™ family of devices.
The NS7520 can support most any networking scenario,
and includes a 10/100 BaseT Ethernet MAC and two
independent serial ports (each of which can run in UART
or SPI mode).
The CPU is an ARM7TDMI 32-bit RISC processor core with
a rich complement of support peripherals and memory
controllers for various types of memory (including Flash,
SDRAM, EEPROM, and others), programmable timers, a
13-channel DMA controller, an external bus expansion
module, and 16 general-purpose input/output (GPIO)
pins.
NET+ARM is the hardware foundation for the
NET+Works™ family of integrated hardware and software solutions for device networking. These
comprehensive platforms include drivers, popular operating systems, networking software,
development tools, APIs, and complete development boards.


Similar Part No. - DATA31

ManufacturerPart #DatasheetDescription
logo
PowerData Technologies ...
DATA 3 POWERDATATECHNOLOGIES-DATA 3 Datasheet
172Kb / 1P
Modular under desk power & data products
DATA 5 POWERDATATECHNOLOGIES-DATA 5 Datasheet
172Kb / 1P
Modular under desk power & data products
DATA 7 POWERDATATECHNOLOGIES-DATA 7 Datasheet
172Kb / 1P
Modular under desk power & data products
logo
Juniper Networks, Inc.
DATA-CENTER-ASSURANCE JUNIPER-DATA-CENTER-ASSURANCE Datasheet
1Mb / 6P
JUNIPER DATA CENTER ASSURANCE
logo
STMicroelectronics
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
Datalogger reference board for the M24LR64-R Dual Interface EEPROM
26-Oct-2010
More results

Similar Description - DATA31

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900542 PHOENIX-2900542 Datasheet
158Kb / 6P
The figure shows the 9 A version
2900552 PHOENIX-2900552 Datasheet
168Kb / 6P
The figure shows the 9 A version
2900559 PHOENIX-2900559 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900573 PHOENIX-2900573 Datasheet
164Kb / 6P
The figure shows the 9 A version
2900688 PHOENIX-2900688 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
The figure shows the 9 A version
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900142 PHOENIX-2900142 Datasheet
81Kb / 3P
The figure shows the 14-pos. version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com