Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P156E Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P156E
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P156E Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P156E Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P156E Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-13
EM78P156E
• The Watchdog Timer and prescaler are cleared.
• Upon power-on, the upper 3 bits of R3 are cleared.
• The bits of the CONT register are set to all “1” except the bit 6 (INT flag).
• The bits of the IOCA register are set to all “1”.
• The bits of the IOCB register are set to all “1”.
• The IOCC register is cleared.
• The bits of the IOCD register are set to all “1”.
• Bit 7 of the IOCE register is set to “1”, and Bits 4 and 6 are cleared.
• Bits 0~2 of RF register and bits 0~2 of IOCF register are cleared.
Executing the “SLEP” instruction can perform the sleep mode (power-down mode). While entering sleep
mode, WDT (if enabled) is cleared but keeps running. The controller can be awakened by
(1) external reset input on /RESET pin,
(2) WDT time-out (if enabled), or
(3) Port 6 input status changed (if enabled).
The first two cases will cause the EM78P156E to reset. The T and P flags of R3 can be used to determine the source
of the reset (wake-up). The last case is considered the continuation of program execution and the global interrupt
(“ENI” or “DISI” being executed) decides whether or not the controller branches to the interrupt vector following
wake-up. If ENI is executed before SLEP, the instruction will begin to execute from the address 008H after wake-
up. If DISI is executed before SLEP, the instruction will restart from the place where is right next to SLEP after
wake-up.
Only one of the cases 2 and 3 can be enabled before entering the sleep mode. That is,
[a] if Port 6 input status changed interrupt is enabled before SLEP , WDT must be disabled by software; however,
the WDT bit in the option register is still enabled. Hence, the EM78P156E can be awakened only by case 1 or 3.
[b] if WDT is enabled before SLEP, Port 6 input status changed interrupt must be disabled. Hence, the EM78P156E
can be awakened only by case 1 or 2. Refer to the section on interrupt.
If Port 6 input status changed interrupt is used to wake up the EM78P156E (the case [a]), the following
instructions must be executed before SLEP:
MOV A, 0bxx000110
; Select internal TCC clock
CONTW
CLR R1
; Clear TCC and prescaler
MOV A, 0bxxxx1110
; Select WDT prescaler
CONTW
WDTC
; Clear WDT and prescaler
MOV A, 0b0xxxxxxx
; Disable WDT
IOW RE
MOV R6, R6
; Read Port 6
MOV A, 0b00000x1x
; Enable Port 6 input changed interrupt
IOW RF
ENI (or DISI)
; Enable (or disable) global interrupt
SLEP
; Sleep
NOP
One problem should be aware that after waking up from the sleep mode, WDT would enable automatically.
The WDT operation (being enabled or disabled) should be handled appropriately by software after waking up from
the sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com