Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5542IPAPRG4 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5542IPAPRG4
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5542IPAPRG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5542IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 23Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 24Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 25Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 26Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 27Page - Texas Instruments ADS5542IPAPRG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
www.ti.com
CLOCK INPUT
5 kW
5 kW
3 pF
3 pF
6 pF
CLKP
CLKM
CM
CM
0.01mF
0.01mF
CLKP
CLKM
Square Wave
or Sine Wave
(3V
PP)
ADS5542
0.01mF
CLKP
CLKM
0.01mF
Differential Square Wave
or Sine Wave
(3V
PP)
ADS5542
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
The ADS5542 clock input can be driven with either a differential clock signal or a single-ended clock input, with
little or no difference in performance between both configurations. The common-mode voltage of the clock inputs
is set internally to CM (pin 17) using internal 5-k
Ω resistors that connect CLKP (pin 10) and CLKM (pin 11) to
CM (pin 17), as shown in Figure 43.
Figure 43. Clock Inputs
When driven with a single-ended CMOS clock input, it is best to connect CLKM (pin 11) to ground with a
0.01-
µF capacitor, while CLKP is ac-coupled with a 0.01-µF capacitor to the clock source, as shown in
Figure 44.
Figure 44. AC-Coupled, Single-Ended Clock Input
The ADS5542 clock input can also be driven differentially, reducing susceptibility to common-mode noise. In this
case, it is best to connect both clock inputs to the differential input clock signal with 0.01-
µF capacitors, as
shown in Figure 45.
Figure 45. AC-Coupled, Differential Clock Input
For high input frequency sampling, it is recommended to use a clock source with low jitter. Additionally, the
internal ADC core uses both edges of the clock for the conversion process. This means that, ideally, a 50% duty
cycle should be provided. Figure 46 shows the performance variation of the ADC versus clock duty cycle.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com