Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83040A Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 12Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 13Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 14Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 15Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 16Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83040A
LCD CONTROLLER
5.31.2001
PAD DIAGRAM
Chip Size : 3640
µm x 2800 µm
Pad No.
Sym.
X
Y
8
VR1
-1660.0
1062.5
9
M0
-1660.0
952.5
10
ENB
-1660.0
842.5
11
RAMENB
-1660.0
732.5
12
RAMADS
-1660.0
627.5
13
RAMW
-1660.0
522.5
14
RAMR
-1660.0
417.5
15
RAMD_3_
-1660.0
312.5
16
RAMD_2_
-1660.0
207.5
17
RAMD_1_
-1660.0
102.5
18
RAMD_0_
-1660.0
-2.5
20
LOAD
-1660.0
-107.5
22
VDD
-1660.0
-212.5
23
VCA
-1660.0
-317.5
24
VCB
-1660.0
-422.5
25
GND
-1660.0
-527.5
26
VR2
-1660.0
-632.5
27
VR3
-1660.0
-737.5
28
V1
-1660.0
-842.5
8
9
10
11
12
13
14
15
16
17
18
20
22
23
24
25
26
27
28
29
30
45
VR1
M0
RAMENB
ENB
RAMADS
RAMW
RAMR
RAMD_3_
RAMD_2_
RAMD_1_
RAMD_0_
LOAD
VDD
VCA
VCB
GND
VR2
VR3
V1
V2
V3
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
OP_50_
OP_49_
OP_48_
OP_47_
OP_46_
OP_45_
OP_44_
OP_43_
OP_42_
OP_41_
OP_40_
OP_39_
OP_38_
OP_37_
OP_36_
OP_35_
OP_34_
OP_33_
OP_32_
OP_31_
OP_30_
OP_29_
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
V4
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
(0,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com