Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83040B Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM83040B
Description  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 12Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 13Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 14Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 15Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 16Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC SUPPLY VOLTAGE
VDD
<3.5
V
INPUT VOLTAGE
Vin
-0.5 TO Vdd
±0.5
V
OPERATING TEMPERATURE RANGE
Ta
-30 TO 80
°C
STEP-UP VOLTAGE
VOUT
<18
V
AC ELECTRICAL CHARACTERISTICS (T
A= -30°C ~ 80°C, VDD=3V VSS=0V)
Parameter
Sym.
Min.
Typ.
Max.
Unit
RC clock variable
Vrc
-20
+20
%
Frame period
Tframe
1/64
S
Load period
Tload
31
µS
Enable time
Ten
30
µS
Write low pulse
Tw
2
µS
Data hold time
Tdh
500
nS
Data to data time
Tdd
2
µS
Data valid time
Tdv
1500
nS
DC ELECTRICAL CHARACTERISTICS (T
A= -30°C ~ 80°C, VDD=3V±5%, VSS=0V)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Input voltage
V
DD
2.5
5.5
With double step-up
2.5
5.5
With triple step-up
2.5
4.0
With quad step-up
2.5
3.3
With five times step-up
Output Low current
I
OL
-100
µAV
DD=3V
Standby current
I
SD
14
µA
EN=1
Operating voltage
I
OP
180
220
µA
EN=0, MAIN =1(MASTER) , DC
converter enable, Five times step-up
(M1, M0)=(1,1) V1=11V, 250KHz
clock, No load
40
70
µA
EN=0 . MAIN =0 (SLAVE) ,DC
converter enable, Five times step-up
(M1, M0)=(1,1) V1=11V, 250KHz
clock, No load
Current of a buffer (V1 toV5)
Ibuf
4
6
10
µA
Current of a buffer
Voltage variation of regulator
Vreg
V-0.1
V
V+0.1
V
Regulator current
Ireg
10
15
µA
BIAS resister
R_bias 1800
2000
2200
k
Ω
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com