Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ243 Datasheet(PDF) 2 Page - NEC

Part # 2SJ243
Description  P-CHANNEL MOS FET FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ243 Datasheet(HTML) 2 Page - NEC

  2SJ243 Datasheet HTML 1Page - NEC 2SJ243 Datasheet HTML 2Page - NEC 2SJ243 Datasheet HTML 3Page - NEC 2SJ243 Datasheet HTML 4Page - NEC 2SJ243 Datasheet HTML 5Page - NEC 2SJ243 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ243
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-Off Current
IDSS
VDS = –30 V, VGS = 0
–1.0
µA
Gate Leakage Current
IGSS
VGS =
±5 V, VDS = 0
±0.1
±3.0
µA
Gate Cut-Off Voltage
VGS(off)
VDS = –3 V, ID = –10
µA
–1.6
–1.9
–2.3
V
Forward Transfer Admittance
|yfs|VDS = –3 V, ID = 10 mA
20
30
mS
Drain to Source On-State Resistance
RDS(on)1
VGS = –2.5 V, ID = –1 mA
55
100
Ω
Drain to Source On-State Resistance
RDS(on)2
VGS = –4.0 V, ID = –10 mA
20
25
Ω
Input Capacitance
Ciss
VDS = –5.0 V, VGS = 0, f = 1 MHz
16
pF
Output Capacitance
Coss
13
pF
Reverse Transfer Capacitance
Crss
2pF
Turn-On Delay Time
td(on)
VDD = –5V, ID = –10 mA
10
ns
Rise Time
tr
VGS(on) = –5 V, RG = 10
Ω
40
ns
Turn-Off Delay Time
td(off)
RL = 500
Ω
130
ns
Fall Time
tf
80
ns
SWITCHING TIME MEASUREMENT CIRCUIT AND CONDITIONS (Resistive Load)
PG.
RG
0
VGS
DUT
RL
VDD
τ = 1 s
µ
Duty cycle
≤ 1 %
Gate
Voltage
Waveform
Drain
Current
Waveform
VGS
10 %
90 %
VGS(on)
10 %
0
ID
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com