Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT721 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT721
Description  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT721 Datasheet HTML 1Page - NXP Semiconductors BAT721 Datasheet HTML 2Page - NXP Semiconductors BAT721 Datasheet HTML 3Page - NXP Semiconductors BAT721 Datasheet HTML 4Page - NXP Semiconductors BAT721 Datasheet HTML 5Page - NXP Semiconductors BAT721 Datasheet HTML 6Page - NXP Semiconductors BAT721 Datasheet HTML 7Page - NXP Semiconductors BAT721 Datasheet HTML 8Page - NXP Semiconductors BAT721 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
3 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
1PS76SB21
SC-76
plastic surface-mounted package; 2 leads
SOD323
BAT721
-
plastic surface-mounted package; 3 leads
SOT23
BAT721A
BAT721C
BAT721S
Table 5.
Marking codes
Type number
Marking code[1]
1PS76SB21
S1
BAT721
L7*
BAT721A
L8*
BAT721C
L9*
BAT721S
L0*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
40
V
IF
forward current
-
200
mA
IFSM
non-repetitive peak forward
current
half sine wave;
JEDEC method;
tp = 8.3 ms
-1
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com