Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84520 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM84520
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM84520 Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 10Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 11Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 12Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 13Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 14Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 15Page - ELAN Microelectronics Corp EM84520 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
12
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
AC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C)
* All parameters in above table are compared with VSS.
PS/2 mouse mode :
Parameters
Sym.
Min.
Typ.
Max.
Unit
Oscillating Frequency
Fosc
37.0-3%
37.0
37.0+3%
KHz
Key Debounce
Tkd
-
12
-
ms
Rising Edge Crossed Width
Tr
13.5
-
-
us
Falling Edge Crossed Width
Tf
13.5
-
-
us
Mouse CLK Active Time
Tmca
-
40.5
-
us
Mouse CLK Inactive Time
Tmci
-
40.5
-
us
Time that Mouse Sample DATA from
Tmdc
-
13.5
-
us
CLK rising Edge
System CLK Active Time
Tsca
-
40.5
-
us
System CLK Inactive Time
Tsci
-
40.5
-
us
Time from DATA Transition to Falling Edge of CLK
Tsdc
-
13.5
-
us
Time from rising Edge of CLK to DATA Transition
Tscd
-
27.0
-
us
Time to mouse Inhibit after the 11th CLK to
Tpi
0
-
50
us
ensure mouse does not start another Transmission
PS/2 mouse mode : (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
V
DD
4.5
5
5.5
V
Operating current
(no load)
I
Op
--
1
mA
CLK, DATA
Vt+
3.2
-
3.8
V
postive-going threshold voltage
CLK, DATA
Vt -
1.2
-
1.9
V
negative-going threshold voltage
DATA, CLK
Idc
0.56
-
1.86
mA
input current
(Vin=0V )
DATA,CLK
(Iprl=-2mA)
Vprl
-
-
0.4
V
low output voltage
Serial mouse mode : (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
VDD
4
5.6
6.2
V
VRTS
-
12.2
13
V
Operating current
(VDD=5.4, RTS=VDD)
Iop1
-
-
1
mA
Operating current
(VDD=6.2, RTS=VDD)
Iop2
3
-
-
mA
RTS operating current
(VDD=5.6, RTS=11V)
Irts1
-
-
1.8
mA
RTS operating current
(VDD=5.4, RTS=12.5V)
Irts2
4
-
-
mA
RXD high output voltage
(Vrh=Vrts-2.6V)
Irh
2
-
-
mA
RXD low output voltage
(Vrl=Vss+2.6V)
Irl
-
-
-2
mA
RTS high input voltage
Vrts+
9.6
-
-
V
RTS low input voltage
Vrts-
-
-
6.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com