Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL4148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MCL4148
Description  FAST SWITCHING SURFACE MOUNT DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MCL4148 Datasheet(HTML) 1 Page - Continental Device India Limited

  MCL4148 Datasheet HTML 1Page - Continental Device India Limited MCL4148 Datasheet HTML 2Page - Continental Device India Limited MCL4148 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST SWITCHING SURFACE MOUNT DIODES
MCL4148 / MCL4448
LS-31 (Micro MELF)
GLASS PACKAGE
Marking:- Cathode Band Colour Black
MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
Repetitive Peak Reverse Voltage
Reverse Voltage
Junction to Ambient
MIN
MAX
Forward Voltage
MCL4448
0.62
0.72
MCL4148
1.0
MCL4448
1.0
Reverse Current
25
50
5.0
Breakdown Voltage
100
Diode Capacitance
VR=0V, f=1MHz, VHF=50mV
4.0
Rectification Efficiency
45
Reverse Recovery Time
4.0
MCL4148_4448 Rev_2 161107E
VF
VF
V
IF=50mA
IF=100mA
V
V
Junction Temperature
175
Tj
ºC
η
r
trr
µA
µA
%
ns
pF
IR=100µA, tp/T=0.01,
tp=0.3ms
V
200
2
500
IR
VR=20V
IF=5mA
TEST CONDITION
IF(AV)
150
*Mounted on epoxy glass hard tissue, 35
µµm copper clad, 0.9mm2 copper area per electrode
Average Forward Current
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Power Dissipation
PD
K/W
ºC
mW
Storage Temperature Range
mA
SYMBOL
DESCRIPTION
VR=20V, Tj=150ºC
VR=75V
VF
IF=10mA to IR=60mA,
RL100 Ω, Measured at
IR=1mA
V(BR)
Cd
VHF=2V, f=100MHz
Forward Current
UNIT
nA
mA
IF
THERMAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
*Rth (j-a)
Tstg
500
- 65 to +175
VALUE
100
450
V
UNIT
V
mA
A
75
DESCRIPTION
Repetitive Peak Forward Current
SYMBOL
VRRM
VR
Peak Forward Surge Current tp =1µ
µs
IFSM
IFRM
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MCL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4148 VISHAY-MCL4148 Datasheet
59Kb / 5P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Formosa MS
MCL4148 FORMOSA-MCL4148 Datasheet
313Kb / 3P
High-speed switching diode
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
TEMIC Semiconductors
MCL4148 TEMIC-MCL4148 Datasheet
30Kb / 1P
DIODES, Signal(Surface Mount)
logo
Weitron Technology
MCL4148 WEITRON-MCL4148 Datasheet
331Kb / 3P
High-Speed Switching Diodes
More results

Similar Description - MCL4148

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
Surface Mount Fast Switching Diodes
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
Surface Mount Fast Switching Diodes
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
Surface Mount Fast Switching Diodes
BAV99S DSK-BAV99S Datasheet
233Kb / 3P
Surface Mount Fast Switching Diodes
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
Surface Mount Fast Switching Diodes
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com