Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM84510DP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM84510DP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510DP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM84510DP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 14Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 15Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 16Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
13
* This specification are subject to be changed without notice.
5.30.2001
(B) Sending DATA
• • • • • • • • • • •
• • • • • • • • •
• • •• • • • •
CLK
DATA
1st
CLK
2nd
CLK
10th
CLK
11th
CLK
Tsci
Tsca
Tscd
Start
Bit
Bit0 -Bit7
Parity
Bit
Stop
Bit
><
><
><
Tsdc
><
Tpi
><
• • • • • • • • •
(R,M,L)
(R,M,L)
INTERNAL SIGNAL
DATA INPUT SIGNAL
VCC
DATA OUTPUT SIGNAL
PS2 MOUSE ENABLE
VCC
DATA
CLK
CLK INPUT SIGNAL
VCC
CLK OUTPUT SIGNAL
PS2 MOUSE ENABLE
AC Timing point:
EM84510 I/O pin equivalent circuit :
R,M,L :
DATA :
CLK :
X1,X2,Y1,Y2 :
PHASE DIGITAL SIGNAL
X1,X2,Y1,Y2
12.5K
80µA
30K
VDD
VDD
VDD
4
VCC
-
+
-
+
12.5K
13.2K
13.2K
VDD-2.6
VSS+0.4V
1.6V
VSS
VDD-0.8V
VSS+0.8V
VDD
VSS
DATA,
CLK PIN
X1,X2,Y1,Y2 PIN
CLK,DATA PIN
L,M,R PIN
51k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com