Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7809 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LM7809
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LM7809 Datasheet(HTML) 1 Page - Continental Device India Limited

  LM7809 Datasheet HTML 1Page - Continental Device India Limited LM7809 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-TERMINAL POSITIVE VOLTAGE REGULATOR
LM7809
TO-220
Plastic Package
The Voltages Available allow these Regulators to be used in Logic Systems, Instrumentation, Hi-Fi Audio
Circuits and other Solid State Electronic Equipment
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
UNIT
Input Voltage
Power Dissipation
W
Operating Temperature
ºC
Storage Temperature Range
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
VIN=18V, IO=100mA, Ta=25ºC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Output Voltage
VO
IO=5mA ~ 1.5A
VIN=12 ~ 24V, PD 15W
Line Regulation
REGV
VIN=11.5 ~ 26V
90
mV
Load Regulation
REGL
IO=5mA ~ 1.5A
90
mV
Quiescent Current
IQ
8.0
mA
Quiescent Current Change
IQ
VIN=11.5 ~ 26V
1.0
mA
IO=5mA ~ 1A
0.5
mA
Input Voltage
VIN
11.5
26
V
Ripple Rejection Radio
RR
VIN=12 ~ 22V, f=120Hz
56
dB
Max Output Current
IOM
TJ=25ºC
2.2
A
Output Voltage Drift
V/T
IO=5mA , TJ=0 ~ 125ºC
- 0.5
mV/ºC
Output Noise Voltage
VNO
f=10Hz ~ 100KHz
10
µV
Short Circuit Current Limit
ISC
TJ=25ºC
2.0
A
LM7809Rev041004E
V
Tamb
Tstg
8.65
9.35
V
PD
15
- 55 to +150
- 20 to +80
40
SYMBOL
VIN
VALUE
35
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LM7809

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7809 UTC-LM7809 Datasheet
83Kb / 6P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7809 ETC-LM7809 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7809 FAIRCHILD-LM7809 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7809 FAIRCHILD-LM7809 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7809 FCI-LM7809 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com