Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD2470 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD2470
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD2470 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD2470 Datasheet HTML 1Page - Continental Device India Limited CSD2470 Datasheet HTML 2Page - Continental Device India Limited CSD2470 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSD2470
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Base Voltage
VCBO
15
V
Collector Emitter Voltage
VCEO
10
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current
IC
5.0
A
Collector Current Peak
*ICP
8.0
A
Collector Power Dissipation @ Ta=25ºC
PC
0.4
W
Junction Temperature
Tj
150
ºC
Storage Temperature Range
Tstg
- 55 to +150
ºC
*Single Pulse=10ms
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=50µA, IE=0
15
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
10
V
Emitter Base Voltage
VEBO
IE=50µA, IC=0
7
V
Collector Cut off Current
ICBO
VCB=10V, IE = 0
0.1
µA
Emitter Cut off Current
IEBO
VEB=6V, IC = 0
0.5
µA
Collector Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=0.1A
0.5
V
DC Current Gain
hFE
VCE=2V, IC=2A
270
820
Transition Frequency
fT
IC=0.05A, VCE=6V,
f=100MHz
170
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
30
pF
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD2470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSD2475 ETC1-CSD2475 Datasheet
45Kb / 3P
10-90Amp 120/240 Vac AC OUTPUT
logo
Crydom Inc.,
CSD2475 CRYDOM-CSD2475 Datasheet
621Kb / 5P
Panel Mount
More results

Similar Description - CSD2470

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com