Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD363 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD363
Description  TO-220 Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD363 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD363 Datasheet HTML 1Page - Continental Device India Limited CSD363 Datasheet HTML 2Page - Continental Device India Limited CSD363 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSD363
NPN PLASTIC POWER TRANSISTOR
B/W TV Horizontal Deflection Output
ABSOLUTE MAXIMUM RATINGS
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
120 V
Collector current
IC
max.
6.0 A
Total power dissipation up to TC = 25°C
Ptot
max.
40 W
Junction temperature
Tj
max.
150 °C
Collector-emitter saturation voltage
IC = 1A; IB = 0.1A
VCEsat
max.
1.0 V
D.C. current gain
IC = 1 A; VCE = 5 V
hFE
min
40
max.
240
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
300 V
Collector-emitter voltage (open base)
VCEO
max.
120 V
Emitter-base voltage (open collector)
VEBO
max.
8.0 V
Collector current
IC
max.
6.0 A
CSD363
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN.
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD363

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD362 CDIL-CSD362 Datasheet
124Kb / 3P
NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - CSD363

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2238 CDIL-CSC2238 Datasheet
277Kb / 3P
TO-220 Plastic Package
logo
Foshan Blue Rocket Elec...
LV2045CT FOSHAN-LV2045CT Datasheet
854Kb / 6P
TO-220 Plastic package Schottky diode
MBR2045CT FOSHAN-MBR2045CT Datasheet
857Kb / 6P
TO-220 Plastic package Schottky diode
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
Triac in a TO-220 Plastic Package
BT151 FOSHAN-BT151 Datasheet
1Mb / 6P
Thyristor in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com