Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC5299F Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC5299F
Description  POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC5299F Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC5299F Datasheet HTML 1Page - Continental Device India Limited CSC5299F Datasheet HTML 2Page - Continental Device India Limited CSC5299F Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER TRANSISTORS
CSC5299F NPN
TO- 3P Fully Isolated
Plastic Package
Power Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
1500
V
Collector -Emitter Voltage
VCEO
800
V
Emitter Base Voltage
VEBO
6V
Collector Current
IC
10
A
Collector Current (Pulse)
ICP
25
A
Total Power Dissipation up to Tc=25 ºC
Ptot
70
W
Junction Temperature
Tj
150
ºC
Storage Temperature
Tstg
- 55 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB= 800V, IE=0
10
µΑ
Emitter Cut Off Current
IEBO
VEB = 4V, IC =0
1mA
Collector -Emitter Sustain Voltage
V (SUS)CEO
IC=100mA, IB =0
800
V
Collector -Emitter Saturation Voltage
VCE(sat)
IC= 8A, IB = 2A
5V
Base Emitter Saturation Voltage
VBE (sat)
IC= 8A, IB = 2A
1.5
V
DC Current Gain
hFE
IC=1A, VCE=5V
20
30
IC=8A, VCE=5V
47
CSC5299FRev190907D
IC=6A, IB1=1.2A, IB2=2.4A
Storage Time
tstg
3
µs
IC=6A, IB1=1.2A, IB2=2.4A
0.2
µs
Fall Time
tf
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC5299F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC5200F CDIL-CSC5200F Datasheet
65Kb / 2P
NPN SILICON POWER TRANSISTOR
CSC5200FO CDIL-CSC5200FO Datasheet
65Kb / 2P
NPN SILICON POWER TRANSISTOR
CSC5200FR CDIL-CSC5200FR Datasheet
65Kb / 2P
NPN SILICON POWER TRANSISTOR
More results

Similar Description - CSC5299F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS
1995
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS
1995
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
TIP31C STMICROELECTRONICS-TIP31C_06 Datasheet
136Kb / 10P
Power transistors
20-Apr-2006
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
Power Transistors
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com